Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WKM Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-WKM
Description  M-TYPE CW LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WKM Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-WKM Datasheet HTML 4Page - IC-Haus GmbH IC-WKM Datasheet HTML 5Page - IC-Haus GmbH IC-WKM Datasheet HTML 6Page - IC-Haus GmbH IC-WKM Datasheet HTML 7Page - IC-Haus GmbH IC-WKM Datasheet HTML 8Page - IC-Haus GmbH IC-WKM Datasheet HTML 9Page - IC-Haus GmbH IC-WKM Datasheet HTML 10Page - IC-Haus GmbH IC-WKM Datasheet HTML 11Page - IC-Haus GmbH IC-WKM Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
iC-WKM
M-TYPE CW LASER DIODE DRIVER
Rev C2, Page 10/12
APPLICATION NOTES
Laser diode types
In principle, all three laser diode types can be operated
by iC-WKM.
As iC-WKM has been optimised for use with M-type
laser diodes, it is with this type of diode that the best
functionality is achieved. This type of setup also en-
ables the laser diode package to be connected to GND.
With P-type laser diodes it is also possible to connect
the laser diode package to GND. Here, however, the
current mirror at MDK introduces a certain error to the
automatic power control (c.f. Electrical Characteristics
Nos. 108, 110).
Even N-type laser diodes can be operated by iC-WKM;
iC-WKN, however, which has been optimised for use
with these diodes, may be a better choice.
Layout
To prevent instability of the regulator an additional ca-
pacitor (ca. 100 pF) must be positioned directly at the
iC’s pin CI. Depending on the laser diode, capacitor
CM with typ. 2 nF in parallel to RM may be required for
stability.
Pin AGND acts solely as a ground reference for the
power regulator (CI and RM) and should not be short-cir-
cuited with GND externally. This could have a negative
effect on the control behavior and monitor functions.
Cooling
Laser diodes should be sufficiently cooled, particularly
with the power-regulated operation of setups which use
iC-WKM, for example. The power dissipation in the
laser diode otherwise causes the diode to heat up and
the level of efficiency to drop which the power control
unit then compensates for by increasing the laser cur-
rent. This in turn brings about a rise in power dissipation
in the laser diode and thus also in temperature. In this
instance the laser diode could be damaged (resulting in
spottiness and an increase in operating current) or even
destroyed before the overcurrent shutdown threshold
in iC-WKM is reached. This applies in particular to blue
laser diodes whose power dissipation is considerably
higher than that of red laser diodes, for example, due
to the higher forward voltage.
Figure 3: Operation of an M-type laser diode
Figure 4: Operation of a P-type laser diode
Figure 5: Operation of an N-type laser diode


Similar Part No. - IC-WKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKMDFN10 ETC2-IC-WKMDFN10 Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKMEVALWKM1D ETC2-IC-WKMEVALWKM1D Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKMSO8 ETC2-IC-WKMSO8 Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results

Similar Description - IC-WKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com