Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WKM Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-WKM
Description  M-TYPE CW LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WKM Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-WKM Datasheet HTML 4Page - IC-Haus GmbH IC-WKM Datasheet HTML 5Page - IC-Haus GmbH IC-WKM Datasheet HTML 6Page - IC-Haus GmbH IC-WKM Datasheet HTML 7Page - IC-Haus GmbH IC-WKM Datasheet HTML 8Page - IC-Haus GmbH IC-WKM Datasheet HTML 9Page - IC-Haus GmbH IC-WKM Datasheet HTML 10Page - IC-Haus GmbH IC-WKM Datasheet HTML 11Page - IC-Haus GmbH IC-WKM Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
iC-WKM
M-TYPE CW LASER DIODE DRIVER
Rev C2, Page 9/12
SAFETY INSTRUCTIONS
Laser light can damage the human eye and the
eyes of animals! Do not look at any laser light di-
rectly or through any optical lens. When handling a
laser diode, do not look directly at the light generated
by it. Wear appropriate safety glasses to prevent light
from entering the eye even by reflection.
FUNCTION DESCRIPTION
Setting the output power
The output power is simply set by RM = V(MDA) / I(MD);
with V(MDA) = Item-No. 101 and I(MD) = monitor cur-
rent of the laser diode at the desired operating point.
RM should be combined from fixed resistor (max. output
power) and a trimmer (calibration).
Turn-on behaviour
After switching the supply voltage on, the output stage
remains disabled until the internal enabling flip-flop is
set by a sufficiently high voltage at VCC.
A quick soft start follows; the transition to controlled CW
operation is gradual and primarily determined by the
values of CI and RM. CI is properly dimensioned when
the voltage overshoot at MDA is at a minimum.
0
50us
100us
150us
200us
250us
Time
0
100mA
200mA
V(CI)
I(LD)
0
1V
2V
V(LDA)
0
500mV
1,0V
1,5V
V(MDA)
−100mV
0
100mV
200mV
Figure 1: Turn-on behaviour
Turn-off behaviour
iC-WKM works without a fixed undervoltage lockout,
thus the laser diode forward voltage is the prime factor
determining the lowest possible supply voltage.
If the voltage drops below this value, the output stage
is forcibly saturated and the laser current decreases.
iC-WKM simultaneously discharges the control capaci-
tor CI so that no excessive laser diode currents occur
when the supply voltage rises again.
I(LD)
1000us
1,01ms
1,02ms
Time
0
100mA
200mA
V(CI)
0
1V
2V
V(LDA)
0
500mV
1,0V
1,5V
V(MDA)
−100mV
0
100mV
200mV
Figure 2: Turn-off behaviour
Disruptions in operation
The power control is shut down with excessive driver
temperature or when the laser current reaches the over-
current shutdown threshold, for example when the feed-
back is interrupted. If the monitor diode or the bias
resistor RM fail, the device is shut down in less than
600 µs, provided that the supply voltage applied is high
enough.
When modulating the laser current via pin MDK, exces-
sive voltage occurring at pin MDA also may cause a
shutdown.


Similar Part No. - IC-WKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKMDFN10 ETC2-IC-WKMDFN10 Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKMEVALWKM1D ETC2-IC-WKMEVALWKM1D Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKMSO8 ETC2-IC-WKMSO8 Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results

Similar Description - IC-WKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com