Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NZP Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-NZP
Description  P-TYPE LASER DIODE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NZP Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-NZP Datasheet HTML 7Page - IC-Haus GmbH IC-NZP Datasheet HTML 8Page - IC-Haus GmbH IC-NZP Datasheet HTML 9Page - IC-Haus GmbH IC-NZP Datasheet HTML 10Page - IC-Haus GmbH IC-NZP Datasheet HTML 11Page - IC-Haus GmbH IC-NZP Datasheet HTML 12Page - IC-Haus GmbH IC-NZP Datasheet HTML 13Page - IC-Haus GmbH IC-NZP Datasheet HTML 14Page - IC-Haus GmbH IC-NZP Datasheet HTML 15Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
iC-NZP
P-TYPE LASER DIODE DRIVER
Rev C1, Page 11/15
LASER CURRENT LIMITATION
OverTemp.
i(RSI)x540
100 nF..
NSLP
CVDDA
Overcurrent
VDD-0.5V
0.68..9 kΩ
0.5V
VDDA
NERR
1
CVDD
VDD
100 nF..
RSI
RSI
RSI @ VDD
RSI
1
Figure 6: iC-NZP VDDA current limitation
iC-NZP monitors the average laser current flowing
from pin VDDA (Figure 6). The DC current limit is set
by means of a resistor at pin RSI.
When dimensioning resistor RSI the following applies
(cf. Electrical Characteristics No. 107):
Imax (VDDA) = 540 ×
0.5 V
RSI
Short pulses at VDDA with higher currents are possi-
ble as only the DC current is monitored and capacitor
CVDDA supplies the current for short pulses.
BURST MODE
In controlled burst mode iC-NZP can pulse with up to
155 MHz. Controlled here means that a pre-set oper-
ating point is maintained during the burst phase.
Therefore an operating point is settled first, for which
pin REGE has to be high and the laser must be
switched on.
Once the operating point has been
reached the laser can be switched off again. The oper-
ating point is stored in an on-chip capacitor and when
REGE is set to low, the burst mode is activated. The
pre-set operating point is maintained. To prevent the
laser current from rising due to residual currents, the
capacitor is discharged with a maximum of 150 nA (cf.
Electrical Characteristics No. 405). For a longer burst
mode, an external capacitor can be connected to pin
CI. As the capacitor is discharged gradually, the out-
put level must be re-settled again after a certain period,
depending on the admissible degradation of the laser
output power.
CURRENT CONTROL
The iC-NZP also supports laser current control, when
no monitor diode is present. For that purpose, a frac-
tion of the current flowing trough the laser is provided
at IMON pin (ILDA / 280, cf. Electrical Characteristics
No. 406). The laser current is set by means of resistor
RMON (= RMD + PMD).
RMON =
V (MD)
IMON
Figure 7 shows the typical set-up for current control.
External capacitor mode
In applications where an external capacitor is required
(see best performance recommendations below), the
external capacitor mode must be enabled (NCID pin
set to low).
Best performance recommendations
The operating point for the laser diode is stored in an
on-chip capacitor. This permits a fast start-up but can
lead to an unstable control circuit under certain condi-
tions such as inadequate PCB layout or laser with very
low monitor current. In that cases, an external capaci-
tor is to be connected as close as possible to the chip,
across pin CI and CIS. This will prevent instability of
the control circuit.
Setting AVG to hi, keeps the control loop always on
and settled, thus improving the dynamic performance.


Similar Part No. - IC-NZP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZPEVALNZP1D ICHAUS-IC-NZPEVALNZP1D Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-NZPQFN24 ICHAUS-IC-NZPQFN24 Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-NZP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com