Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NZP Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-NZP
Description  P-TYPE LASER DIODE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NZP Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-NZP_14 Datasheet HTML 6Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 7Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 8Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 9Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 10Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 11Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 12Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 13Page - IC-Haus GmbH IC-NZP_14 Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
iC-NZP
P-TYPE LASER DIODE DRIVER
Rev C1, Page 10/15
M-Type diodes
ECI
VDD
NCID
-
MD
+
INPUT INTERFACE
GND
100 nF..
CIS
CI
LVDS/TTL
RSI
&
RSI
RMD
ECI
OverCurrent
CI
1
OUTPUT DRIVER
..10 nF..
9kΩ
i(RSI)x540
VSY
&
REGE
..300mA
+
CVDDA
VDD
REF
TTL
EN
PMD
LDA
T.PAD
NSLP
SYN
M
&
PMD
M
VDD
RVDD
x280
RSI
iC-NZP
CVDD
GND
OUTPUT MONITOR
NERR
0.68..
RGND
EP
RMD
IMON
&
VDD
LDA MONITOR
-
OverTemp.
1
AVG
100 nF..
1
Bandgap, Reference, Overtemp
VDDL
VDDA
1
..300mA
Low V(LDA)
+3..+5.5V
CI
Figure 4: Circuit example for M-type laser diodes (case grounded)
N-Type diodes
Although this type of laser diodes are supported by
iC-NZP, it’s strongly recommended to use iC-NZN in-
stead, since in this configuration all the pulses at LDA
will be coupled directly to pin MD due to monitor photo
diode’s internal capacitance. Thus making an accurate
control much more difficult.
RVDD
GND
CIS
TTL
RSI
VDDL
RSI
RMD
AVG
REGE
ECI
N
RMD
1
T.PAD
9kΩ
1
EP
x280
VDD
CVDDA
ECI
LVDS/TTL
CVDD
-
EN
&
NCID
NERR
LDA
Bandgap, Reference, Overtemp
LDA MONITOR
VDDA
IMON
OUTPUT DRIVER
REF
CI
RGND
MD
OverCurrent
PMD
+3..+5.5V
VDD
PMD
+
11
100 nF..
N
CI
NSLP
CI
RSI
&
-
OverTemp.
VDD
SYN
VSY
..300mA
+
VDD
Low V(LDA)
INPUT INTERFACE
&
0.68..
OUTPUT MONITOR
100 nF..
..300mA
i(RSI)x540
..10 nF..
iC-NZP
GND
&
Figure 5: Circuit example for N-type laser diodes


Similar Part No. - IC-NZP_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-NZP_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com