Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LFL1402 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-LFL1402
Description  256x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFL1402 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-LFL1402_17 Datasheet HTML 1Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 2Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 3Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 4Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 5Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 6Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 7Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 8Page - IC-Haus GmbH IC-LFL1402_17 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-LFL1402
256x1 LINEAR IMAGE SENSOR
Rev A5, Page 4/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5 V ±10%, RSET = GND, Tj = -25...110 °C unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VDD
Digital Supply Voltage Range
4.5
5.5
V
002 VCC
Analogue Supply Voltage Range
4.5
5.5
V
003 I(VDD)
Supply Current in VDD
f(CLK) = 1 MHz
0.39
mA
f(CLK) = 5 MHz
1.85
mA
004 I(VCC)
Supply Current in VCC
11.5
mA
005 Vc()hi
Clamp Voltage hi at SI, CLK, DIS,
TP, RSET
Vc()hi = V() − V(VCC); I() = 1 mA
0.3
1.8
V
006 Vc()lo
Clamp Voltage lo at SI, CLK, DIS,
TP, RSET
Vc()hi = V() − V(AGND); I() = -1 mA
-1.5
0.3
V
007 Vc()hi
Clamp Voltage hi at AO
Vc()hi = V(AO) − V(VCC); I(AO) = 1 mA
0.3
1.5
V
008 Vc()lo
Clamp Voltage lo at AO, VCC,
VDD, GND
Vc()lo = V() − V(AGND); I() = -1 mA
-1.5
-0.3
V
Photodiode Array
201 A()
Radiant Sensitive Area
200 µm x 56.40 µm per Pixel
0.01128
mm2
202 S(λ)max
Spectral Sensitivity
λ
= 680 nm (see Fig. 1)
0.5
A/W
203 λar
Spectral Application Range
S(λar ) = 0.25 x S(λ)max (see Fig. 1)
400
980
nm
Analogue Output AO
301 Vs()lo
Saturation Voltage lo
I() = 1 mA
0.5
V
302 Vs()hi
Saturation Voltage hi
Vs()hi = VCC - V(), I() = -1 mA
1
V
303 K
Sensitivity
λ
= 680 nm, package OBGA™ LFL1C
2.88
V/pWs
304 V0()
Offset Voltage
integration time 1 ms, no illumination
400
800
mV
305 ∆V0()
Offset Voltage Deviation during
integration mode
V0() = V(AO)t1 − V(AO)t2,
t = t2 − t1 = 1 ms
-250
50
mV
306 ∆V()
Signal Deviation during hold
mode
V() = V(AO)t1 − V(AO)t2,
t = t2 − t1 = 1 ms
-150
150
mV
307 tp(CLK-AO) Settling Time
Cl(AO) = 10 pF,
CLK lo → hi until V(AO) = 0.98 x V(VCC)
200
ns
Power-On-Reset
801 VCCon
Power-On Release by VCC
4.4
V
802 VCCoff
Power-Down Reset by VCC
1
V
803 VCChys
Hysteresis
VCChys = VCCon − VCCoff
0.4
1
2
V
Bias Current Adjust RSET
901 Ibias()
Permissible External Bias Cur-
rent
20
100
µA
902 Vref
Reference Voltage
I(RSET) = Ibias
2.5
3
3.5
V
Input Interface SI, CLK, DIS
B01 Vt()hi
Threshold Voltage hi
1.4
1.8
V
B02 Vt()lo
Threshold Voltage lo
0.9
1.2
V
B03 Vt()hys
Hysteresis
Vt()hys = Vt()hi − Vt()lo
300
800
mV
B04 I()
Pull-Down Current
10
30
50
µA
B05 fclk
Permissible Clock Frequency
5
MHz


Similar Part No. - IC-LFL1402_17

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LFL1402 ICHAUS-IC-LFL1402 Datasheet
251Kb / 8P
   256x1 LINEAR IMAGE SENSOR
More results

Similar Description - IC-LFL1402_17

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LFL1402 ICHAUS-IC-LFL1402 Datasheet
251Kb / 8P
   256x1 LINEAR IMAGE SENSOR
logo
ams AG
TSL1402R AMSCO-TSL1402R Datasheet
819Kb / 17P
   256X1 LINEAR SENSOR ARRAY WITH HOLD
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
logo
IC-Haus GmbH
IC-LA ICHAUS-IC-LA Datasheet
234Kb / 8P
   64X1 LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com