Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HX Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-HX
Description  3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HX Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-HX Datasheet HTML 6Page - IC-Haus GmbH IC-HX Datasheet HTML 7Page - IC-Haus GmbH IC-HX Datasheet HTML 8Page - IC-Haus GmbH IC-HX Datasheet HTML 9Page - IC-Haus GmbH IC-HX Datasheet HTML 10Page - IC-Haus GmbH IC-HX Datasheet HTML 11Page - IC-Haus GmbH IC-HX Datasheet HTML 12Page - IC-Haus GmbH IC-HX Datasheet HTML 13Page - IC-Haus GmbH IC-HX Datasheet HTML 14Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
iC-HX
3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
Rev D1, Page 10/14
Power dissipation vs. frequency
VB = 24 V, four channels with 100 m non-terminated lines
0
1
2
3
4
5
6
7
0
100
200
300
f [kHz]
P [W]
NXS = low
NXS = high
Power
reduction
Figure 8: Power dissipation with and without
xSwitch-Mode
DEMO BOARD
iC-HX is in a QFN28 package and comes with a demo
board for test purposes. Figures 9 to 10 shows the
wiring and the top of the demo board.
Figure 9: Demo-Board ,top view


Similar Part No. - IC-HX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HX ICHAUS-IC-HX Datasheet
430Kb / 11P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
IC-HXEVALHX2D ICHAUS-IC-HXEVALHX2D Datasheet
430Kb / 11P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
IC-HXQFN28 ICHAUS-IC-HXQFN28 Datasheet
430Kb / 11P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
More results

Similar Description - IC-HX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HX ICHAUS-IC-HX Datasheet
430Kb / 11P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
IC-DL ICHAUS-IC-DL_17 Datasheet
530Kb / 10P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-VX ICHAUS-IC-VX Datasheet
603Kb / 11P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
ET9600 ETC1-ET9600 Datasheet
34Kb / 2P
   THREE CHANNEL DIFFERENTIAL LINE DRIVER IC
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
National Semiconductor ...
DS89C387 NSC-DS89C387 Datasheet
158Kb / 10P
   Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS89C387 TI1-DS89C387_16 Datasheet
339Kb / 15P
[Old version datasheet]   Twelve Channel CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com