Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HV Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-HV
Description  VCSEL ARRAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HV Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-HV Datasheet HTML 1Page - IC-Haus GmbH IC-HV Datasheet HTML 2Page - IC-Haus GmbH IC-HV Datasheet HTML 3Page - IC-Haus GmbH IC-HV Datasheet HTML 4Page - IC-Haus GmbH IC-HV Datasheet HTML 5Page - IC-Haus GmbH IC-HV Datasheet HTML 6Page - IC-Haus GmbH IC-HV Datasheet HTML 7Page - IC-Haus GmbH IC-HV Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
prel
imin
ary
prel
imin
ary
iC-HV
VCSEL ARRAY DRIVER
Rev A1, Page 2/8
DESCRIPTION
The triple laser switch iC-HV enables the spike-free
switching of VCSEL arrays with well-defined currents
at frequencies ranging from DC to 200 MHz.
The VCSEL current is determined by the voltages at
pins CIx.
Three fast switches are controlled independently via
TTL/LVDS inputs.
The VCSEL array can thus simply be turned on and off
or switched between different current levels, defined
by the voltages at CIx.
Each switch can be operated up to 1 A CW and 3 A
pulsed current, depending on the frequency, duty cy-
cle, and heat dissipation. The switches can be paral-
leled for up to 3 A CW and 9 A pulsed current.
A 1.4 mm x 1.4 mm pad (pin LDK) allows the VCSEL
array to be mounted directly onto the iC-HV, yielding
the shortest possible VCSEL-current track-length for
maximum switching speed.
The integrated thermal shutdown feature protects the
iC-HV from damage by excessive temperature.


Similar Part No. - IC-HV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HV102V ICHAUS-IC-HV102V Datasheet
3Mb / 10P
   200MHz LASER SWITCH WITH INTEGRATED POWER VCSEL ARRAY
iC-HV103V ICHAUS-iC-HV103V Datasheet
3Mb / 10P
   200MHz LASER SWITCH WITH INTEGRATED POWER VCSEL ARRAY
More results

Similar Description - IC-HV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
   11.3Gbps VCSEL DRIVER
logo
Mitel Networks Corporat...
4D469 MITEL-4D469 Datasheet
74Kb / 3P
   VCSEL Array(Parallel Datacom, Telecom)
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
logo
Integrated Device Techn...
HXT6101 IDT-HXT6101 Datasheet
40Kb / 2P
   16Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3905 MAXIM-MAX3905 Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com