Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HG Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-HG
Description  3A LASER SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HG Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-HG_14 Datasheet HTML 3Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 4Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 5Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 6Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 7Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 8Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 9Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 10Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
iC-HG
3 A LASER SWITCH
Rev B2, Page 7/20
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.0...5.5 V, AGND1. . . 6 = GND, Tj = -40...125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
205
R(ENx)
Differential Input Impedance at
ENx
V(ELVDS) > 65% VDD, V(ENx) < VDD − 1.4 V,
LVDS
14
28
kΩ
206
Vdiff
Differential Voltage
Vdiff = |V(EN1,3,5) − V(EN2,4,6)|;
V(ELVDS) > 65% VDD, LVDS
200
mV
207
V()
Input Voltage Range
V(ELVDS) > 65% VDD, LVDS
0.6
VDD −
1.4
V
Input ELVDS
301
V(ELVDS)
Voltage at ELVDS
ELVDS open
48
50
52
%VDD
302
Ri(ELVDS)
35
50
70
kΩ
303
Vt(ELVDS) Threshold Voltage TTL Fast to
TTL Slow
16
20
24
%VDD
304
Vt(ELVDS) Threshold Voltage TTL Slow to
Error
36
40
44
%VDD
305
Vt(ELVDS) Threshold Voltage Error to LVDS
Slow
56
60
64
%VDD
306
Vt(ELVDS) Threshold Voltage LVDS Slow to
LVDS Fast
74
80
84
%VDD
307
Vhys()
Hysteresis
10
25
50
mV
Ouput NER
401
Vsat(NER) Saturation Voltage at NER
ELVDS open, I(NER) = 2 mA
0.6
V
402
I(NER)
Current in NER
ELVDS open, V(NER) > 0.6 V
3
9
20
mA
Overtemperature
501
Toff
Overtemperature Shutdown
rising temperature
130
170
°C
502
Ton
Overtemperature Release
falling temperature
120
160
°C
503
Thys
Hysteresis
Toff − Ton
5
°C
Power On
601
VON
Power On Voltage VDD
rising voltage
2.9
V
602
VOFF
Power Down Voltage VDD
falling voltage
1.5
V
603
Vhys
Hysteresis
50
500
mV


Similar Part No. - IC-HG_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_11 Datasheet
778Kb / 21P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
More results

Similar Description - IC-HG_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HGP ICHAUS-IC-HGP Datasheet
861Kb / 20P
   3A HIGH-SIDE LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
logo
Analog Technologies, In...
ATLS3A212D ANALOGTECHNOLOGIES-ATLS3A212D Datasheet
1Mb / 15P
   High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
   High Voltage Constant Current 3A Laser Driver
7/4/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com