Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HD2 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-HD2
Description  QUAD DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HD2 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-HD2_14 Datasheet HTML 1Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 2Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 3Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 4Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 5Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 6Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 7Page - IC-Haus GmbH IC-HD2_14 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
iC-HD2
QUAD DIFFERENTIAL LINE DRIVER
Rev A6, Page 2/8
DESCRIPTION
iC-HD is a robust line driver for industrial 5 V and 24 V
applications with four complementary output chan-
nels.
For signal lines with a characteristic impedance of
30 to 140 Ω the integrated line adapter, optimized
to 75 Ω, minimizes ringing effects which arise when
there is no line termination.
At a supply of 24 V the push-pull driver stages typi-
cally provide 200 mA to discharge the line and also
have a low saturation voltage (of typically 200 mV
with a 40 mA low-side load). The outputs are current
limited and short-circuit-proof, shutting down with ex-
cessive temperature.
For bus applications the driver stages can be
switched to high impedance by a high at input NEN.
The driver stage inputs have a Schmitt trigger char-
acteristic and are compatible with CMOS and TTL
levels.
The device recognizes undervoltage at voltage regu-
lator output VREF and thus indirectly also at supply
voltage VB. VREF acts as a 5 V voltage supply for
external loads of up to 5 mA.
Excessive temperature and undervoltage are sig-
naled as an error by a low signal at the short-circuit-
proof NERR output. For test purposes the tempera-
ture monitor can be deactivated by applying a voltage
of greater than 12 V to input NEN.
The iC-HD contains internal ESD protection circuitry.
PACKAGING INFORMATION TSSOP20
PIN CONFIGURATION TSSOP20
1
I1
2
GND1
3
4
NO1
5
6
NO2
7
8
O2
9
10
I2
20
I4
19
18
O4
17
16
NEN
15
14
NO3
13
12
GND2
11
O1
NERR
nc
VREF
I3
O3
NO4
nc
VB
PIN FUNCTIONS
No. Name Function
1 I1
Input 1
2 GND1 Ground
3 O1
Driver Output 1
4 NO1
Inverted Driver Output 1
5 VREF Voltage Regulator Output +5 V (5 mA)
6 NO2
Inverted Driver Output 2
7 O2
Driver Output 2
8 nc
9 I2
Input 2
10 NERR Error Message Output (low active)
11 I3
Input 3
12 GND2 Ground
13 O3
Driver Output 3
14 NO3
Inverted Driver Output 3
15 NEN
Function Input
(low signal enables driver outputs)
16 NO4
Inverted Driver Output 4
17 O4
Driver Output 4
18 nc
19 I4
Input 4
20 VB
+4.5 to +35 V Supply Voltage
The pins GND1, GND2 must be connected to ground.


Similar Part No. - IC-HD2_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HD2TSSOP20 ICHAUS-IC-HD2TSSOP20 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HD2_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com