Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-GD Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 3Page - IC-Haus GmbH IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH IC-GD Datasheet HTML 10Page - IC-Haus GmbH IC-GD Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 7/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
023 Vc()hi
Clamp Voltage hi at UPx, UIx
vs. VNB, I() = 3 mA
46
60
V
Tj = -20 °C
44
60
V
024 Ipu()
Pull-up Current from SCL, SDA,
NCS, ADR2, ADR1, ADR0,
SYNC1, SYNC2, NRES, RDY,
SCLK, SDI
V() = 0.8 ∗ VCC
-100
-10
µA
025 Ipu()
Pull-up Current from SCL, SDA,
NCS, ADR2, ADR1, ADR0,
SYNC1, SYNC2, NRES, RDY,
SCLK, SDI
V() = 0 V
-220
-20
µA
026 Vt()hi
Threshold Voltage hi at inputs
SCLK, SDI, NRES, SCL, SDA,
NCS, ADR2, ADR1, ADR0,
SYNC1, SYNC2
2
V
027 Vt()lo
Threshold Voltage lo at inputs
SCLK, SDI, NRES, SCL, SDA,
NCS, ADR2, ADR1, ADR0,
SYNC1, SYNC2
0.8
V
028 Vt()hys
Hysteresis at inputs SCLK, SDI,
NRES, RDY, SCL, SDA, NCS,
ADR2, ADR1, ADR0, SYNC1,
SYNC2
100
200
400
mV
029 Vs()lo
Saturation Voltage lo at outputs
SDO, NIRQ, SYNC1, SYNC2,
RDY
I() = 8 mA, SDO = NIRQ = SYNC1 = SYNC2 =
RDY = lo
0.4
V
030 Vs()lo
Saturation Voltage lo at outputs
SCL, SDA
I() = 4 mA, SCL = SDA = lo
0.4
V
031 Vs()hi
Saturation Voltage hi at output
SDO
Vs() = VCC − V(), I() = -8 mA, SDO = hi
0.4
V
032 Isc()lo
Short-Circuit Current lo in outputs
SDO, IRQ, SYNC1, SYNC2, RDY
V() = VCC, SDO = IRQ = SYNC1 = SYNC2 =
RDY = lo
20
200
mA
033 Isc()lo
Short-Circuit Current lo in outputs
SCL, SDA
V() = VCC, SCL = SDA = lo
10
100
mA
034 Isc()hi
Short-Circuit Current hi from
output SDO
V() = 0V, SDO = hi
-250
-25
mA
035 tRESlo
Minimum Time lo at NRES
300
ns
Bias
201 V(RP)
Voltage at RP
RREF = 20 kΩ ± 0.1% vs. RN,
ATK(7:0) = 0x80
1.1
1.185
1.28
V
202 V(RP)ab
Calibration Accuracy of voltage at
RP
RREF = 20 kΩ ± 0.1% vs. RN
-0.06
0.06
%
203 V(RP),TK
Temperature Dependency of
voltage at RP
RREF = 20 kΩ ± 0.1% vs. RN,
bandgap calibrated
-0.065
0.065
%
204 Isc,max()
Short-Circuit Current lo in RP
V(RP) = 0 V
100
250
500
µA
Oscillator
301 fos
Oscillator Frequency
Initial, not calibrated
1.6
2
2.5
MHz
302 fos,PLL
Oscillator Frequency PLL
Initial, not calibrated
12.8
16
20
MHz
303 fos
Calibration Accuracy of oscillator
frequency
fosnom = 16 MHz
-1.5
1.5
%
304 fos,TK
Temperature Dependency of
oscillator frequency
fosnom = 16 MHz
-3
3
%
305 V(pll,fos)
Clock Divider Ratio
8


Similar Part No. - IC-GD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-GD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
   Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
   Remote I/O R3 Series INTERFACE I/O MODULE
logo
Rohm
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Intersil Corporation
CDP1851 INTERSIL-CDP1851 Datasheet
56Kb / 14P
   CMOS Programmable I/O Interface
March 1997
logo
Hirose Electric
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
   Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
logo
Advantech Co., Ltd.
ADAM-5050 ADVANTECH-ADAM-5050_14 Datasheet
257Kb / 1P
   16-ch Universal Digital I/O Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com