Electronic Components Datasheet Search |
|
WEBWR1603FXGS-1-D Datasheet(PDF) 3 Page - DDK Ltd. |
|
WEBWR1603FXGS-1-D Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 8 page Unit:mm http://www.ddknet.co.jp WEB Series 3 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○ WEBSP (Straight Plug) Shell Size Number of Contacts Part Number A(max.) B(max.) C φD φE J Applicable Cable Size 13 3 WEBSP1303□□□-1-D 73 90 27.2 9.0 25.5 19.0 7.0 ~ 9.0 5 WEBSP1305□□□-1-D 16 7 WEBSP1607□□□-2-D 29.4 10.5 29.5 22.2 8.0 ~ 10.5 10 WEBSP1610□□□-2-D 21 4 WEBSP2104□□□-1-D 31.8 14.1 33.5 26.7 10.5 ~ 14.1 4 WEBSP2104□□□-2-D 11.0 8.5 ~ 11.0 4 WEBSP2104□□□-3-D 8.7 6.5 ~ 8.7 7 WEBSP2107□□□-1-D 14.1 10.5 ~ 14.1 7 WEBSP2107□□□-2-D 11.0 8.5 ~ 11.0 7 WEBSP2107□□□-3-D 8.7 6.5 ~ 8.7 10 WEBSP2110□□□-1-D 14.1 10.5 ~ 14.1 10 WEBSP2110□□□-2-D 11.0 8.5 ~ 11.0 10 WEBSP2110□□□-3-D 8.7 6.5 ~ 8.7 16 WEBSP2116□□□-1-D 14.1 10.5 ~ 14.1 16 WEBSP2116□□□-2-D 11.0 8.5 ~ 11.0 16 WEBSP2116□□□-3-D 8.7 6.5 ~ 8.7 19 WEBSP2119□□□-1-D 14.1 10.5 ~ 14.1 19 WEBSP2119□□□-2-D 11.0 8.5 ~ 11.0 19 WEBSP2119□□□-3-D 8.7 6.5 ~ 8.7 25 16 WEBSP2516□□□-1-D 37.0 16.0 37.4 30.0 12.5 ~ 16.0 16 WEBSP2516□□□-2-D 13.0 9.5 ~ 13.0 16 WEBSP2516□□□-3-D 10.0 6.8 ~ 10.0 16 WEBSP2516□□□-7-D 17.0 15.0 ~ 17.0 24 WEBSP2524□□□-1-D 16.0 12.5 ~ 16.0 24 WEBSP2524□□□-2-D 13.0 9.5 ~ 13.0 24 WEBSP2524□□□-3-D 10.0 6.8 ~ 10.0 24 WEBSP2524□□□-7-D 17.0 15.0 ~ 17.0 28 WEBSP2528□□□-1-D 16.0 12.5 ~ 16.0 28 WEBSP2528□□□-2-D 13.0 9.5 ~ 13.0 28 WEBSP2528□□□-3-D 10.0 6.8 ~ 10.0 28 WEBSP2528□□□-7-D 17.0 15.0 ~ 17.0 32 WEBSP2532□□□-1-D 16.0 12.5 ~ 16.0 32 WEBSP2532□□□-2-D 13.0 9.5 ~ 13.0 32 WEBSP2532□□□-3-D 10.0 6.8 ~ 10.0 32 WEBSP2532□□□-7-D 17.0 15.0 ~ 17.0 B A 1 3 47 8 12 13 16 17 19 021-019 X Y Z J:Width of two gripping sufaces for wrench WEBSP2524M □ G -1-D ① Connector Style SP:Straight Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Bushing Size Refer to the following table ⑧ Finish D:Trivalent Chromium Treatment(Black) ①② ③ ④ ⑤ ⑥ ⑦ ⑧ |
Similar Part No. - WEBWR1603FXGS-1-D |
|
Similar Description - WEBWR1603FXGS-1-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |