Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGF9 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SGF9
Description  For C to X-band Local Oscillator and Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SGF9 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SGF9 Datasheet HTML 1Page - Sanyo Semicon Device SGF9 Datasheet HTML 2Page - Sanyo Semicon Device SGF9 Datasheet HTML 3Page - Sanyo Semicon Device SGF9 Datasheet HTML 4Page - Sanyo Semicon Device SGF9 Datasheet HTML 5Page - Sanyo Semicon Device SGF9 Datasheet HTML 6Page - Sanyo Semicon Device SGF9 Datasheet HTML 7Page - Sanyo Semicon Device SGF9 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SGF9
No.0000-1/8
Features
Mold package-owing to the cross-mold technology,
this product can maintain the same performance as
the ceramic package.
The chip surface is covered
with the highly reliable protection film.
Automatic surface mounting is available.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN*0000
SGF9
Package Dimensions
unit : mm
0000
[SGF9]
40901 TS IM hirata
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel GaAs MESFET
For C to X-band Local Oscillator and Amplifier
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
6.0
V
Gate-to-Source Voltage
VGS
--5.0
V
Drain Current
ID
100
mA
Allowable Power Dissipation
PD
130
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gate-to-Source Leak Current
V(BR)GSO
IGS=--10µA
--5.0
V
Saturated Drain Current
IDSS
VDS=3V, VGS=0
30
40
70
mA
Gate-to-Source Cutoff Voltage
VGS(off)
VDS=3V, ID=100µA
--0.5
--5.0
V
Forward Transfer Admittance
yfs
VDS=3V, ID=10mA
20
35
mS
Continued on next page.
Preliminary
2
1
2
3
0.4
(0.9
±0.05)
4.1
±0.02
±0.1
1 : Drain
2 : Source
3 : Gate


Similar Part No. - SGF9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGF-41(T)-4 ETC2-SGF-41(T)-4 Datasheet
232Kb / 8P
   Crimping tools and machines
SGF-51(T)-5 ETC2-SGF-51(T)-5 Datasheet
232Kb / 8P
   Crimping tools and machines
logo
Fairchild Semiconductor
SGF15N60RUFD FAIRCHILD-SGF15N60RUFD Datasheet
671Kb / 8P
   Short Circuit Rated IGBT
SGF15N90D FAIRCHILD-SGF15N90D Datasheet
365Kb / 7P
   General Description
SGF23N60UF FAIRCHILD-SGF23N60UF Datasheet
543Kb / 7P
   Ultra-Fast IGBT
More results

Similar Description - SGF9

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1645 SANYO-2SK1645 Datasheet
40Kb / 4P
   For C to X-band Local Oscillator and Amplifier
2SK1646 SANYO-2SK1646 Datasheet
33Kb / 4P
   For C to X-band Local Oscillator and Amplifier
SGF25 SANYO-SGF25 Datasheet
63Kb / 3P
   For C- to X-band local oscillator and amplifier
SGF31 SANYO-SGF31 Datasheet
37Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF35 SANYO-SGF35 Datasheet
47Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
SGF29 SANYO-SGF29 Datasheet
38Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF33 SANYO-SGF33 Datasheet
46Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
2SC4404 SANYO-2SC4404 Datasheet
101Kb / 4P
   UHF Local Oscillator, Wide-Band Amplifier Applications???????
logo
NEC
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Hitachi Semiconductor
2SC2731 HITACHI-2SC2731 Datasheet
36Kb / 1P
   UHF TV TUNER FREQUENCY CONVERTER, LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com