Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR01J100 Datasheet(PDF) 4 Page - Rohm

Part # MCR01J100
Description  Thick film chip resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR01J100 Datasheet(HTML) 4 Page - Rohm

  MCR01J100 Datasheet HTML 1Page - Rohm MCR01J100 Datasheet HTML 2Page - Rohm MCR01J100 Datasheet HTML 3Page - Rohm MCR01J100 Datasheet HTML 4Page - Rohm MCR01J100 Datasheet HTML 5Page - Rohm MCR01J100 Datasheet HTML 6Page - Rohm MCR01J100 Datasheet HTML 7Page - Rohm MCR01J100 Datasheet HTML 8Page - Rohm MCR01J100 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCR series
Datasheet
Land pattern example
(Unit:mm)
Dimensions
A
B
C
D
Part No.
MCR004
0.12
0.48
0.22
0.18
MCR006
0.3
0.84
0.3
0.27
MCR01
0.5
1.3
0.5
0.4
MCR03
1.0
2.0
0.8
0.5
MCR10
1.2
2.6
1.15
0.7
MCR18
2.2
4.0
1.5
0.9
MCR25
2.2
4.0
2.3
0.9
MCR50
3.8
6.0
2.3
1.1
MCR100
5.1
8.1
3.0
1.5
Derating curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
MCR 004 / 100
MCR 006 / 01 / 03 / 10 / 18 / 25 / 50
Characteristics
Test items
Guaranteed value
Test conditions
Resistor type
Jumper type
Resistance
See "Products list"
20
Variation of resistance
with temperature
See "Products list"
Measurement+25/-55, +25/+125
Overload
±(2.0%+0.1Ω)
MAX. 50mΩ
Test voltage is the smaller one of or
Rated voltage(current)×2.52s
Maximumoverload voltage
Solderability
A new uniformcoating of minimumof
95% of the surface being immersed and
no soldering damage.
Rosin-ethanol solution(25% weight)
Soldering condition245±5
Duration of immersion2.0±0.5s
Resistance to
soldering heat
±(1.0%+0.05Ω)
MAX. 50mΩ
Soldering condition260±5
Duration of immersion10±1s
No remarkable abnormality on the appearance.
Rapid change of
temperature
±(1.0%+0.05Ω)
MAX. 50mΩ
Test temp.
-55℃~+1251000cycle(MCR01)
-55℃~+125100cycle(MCR004/006)
-55℃~+1255cycle(MCR03/10/18/25/50/100)
Damp heat, steady state
±(3.0%+0.1Ω)
MAX. 100mΩ
40℃,93(Relative humidity)
Test time1,000h
Endurance at 70
±(3.0%+0.1Ω)
MAX. 100mΩ
Rated voltage(current),70±3
1.5h:ON0.5h:OFF
Test time1,000h
Endurance
±(3.0%+0.1Ω)
MAX. 100mΩ
125(MCR004/100)
155(MCR006/01/03/10/18/25/50)
Test time1,000h
Resistance to solvent
±(1.0%+0.05Ω)
MAX. 50mΩ
23±5, Immersion cleaning, 5±0.5min
Solvent: 2-propanol
Bend strength of
the end face plating
±(1.0%+0.05Ω)
MAX. 50mΩ
-
Without mechanical damage such as breaks.
Maximum overload voltage (Test voltage)
Compliance Standard(s) : IEC60115-8
MCR004 MCR006 MCR01
MCR03 MCR10 MCR18 MCR25 MCR50 MCR100
JISC 5201-8
30V
50V
100V
100V
200V
400V
400V
400V
400V
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
4/6
2017.01 - Rev.M


Similar Part No. - MCR01J100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01 ROHM-MCR01 Datasheet
81Kb / 6P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01 ROHM-MCR01 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR01J100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com