Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCT3080KL Datasheet(PDF) 9 Page - Rohm

Part # SCT3080KL
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCT3080KL Datasheet(HTML) 9 Page - Rohm

Back Button SCT3080KL Datasheet HTML 5Page - Rohm SCT3080KL Datasheet HTML 6Page - Rohm SCT3080KL Datasheet HTML 7Page - Rohm SCT3080KL Datasheet HTML 8Page - Rohm SCT3080KL Datasheet HTML 9Page - Rohm SCT3080KL Datasheet HTML 10Page - Rohm SCT3080KL Datasheet HTML 11Page - Rohm SCT3080KL Datasheet HTML 12Page - Rohm SCT3080KL Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Datasheet
SCT3080KL
Electrical characteristic curves
Fig.15 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : V
DS [V]
Fig.16 Coss Stored Energy
Drain - Source Voltage : V
DS [V]
Fig.17 Switching Characteristics
Drain Current : I
D [A]
Fig.18 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]
0
5
10
15
20
25
0
100 200 300 400 500 600 700 800
T
a = 25ºC
1
10
100
1000
10000
0.1
1
10
100
1000
C
iss
C
oss
C
rss
T
a = 25ºC
f = 1MHz
V
GS = 0V
0
5
10
15
20
0
10203040506070
T
a = 25ºC
V
DD = 600V
I
D = 10A
Pulsed
1
10
100
1000
10000
0.1
1
10
100
t
d(on)
t
d(off)
T
a = 25ºC
V
DD = 400V
V
GS = 18V
R
G = 0
Pulsed
t
f
t
r
9/12
2017.08 - Rev.C
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Similar Part No. - SCT3080KL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT3080KR ROHM-SCT3080KR Datasheet
934Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT3080KRHR ROHM-SCT3080KRHR Datasheet
1Mb / 17P
   Automotive Grade N-channel SiC power MOSFET
9.Nov.2022 - Rev.003
SCT3080KW7 ROHM-SCT3080KW7 Datasheet
1Mb / 14P
   N-channel SiC power MOSFET
More results

Similar Description - SCT3080KL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com