Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCT3060AL Datasheet(PDF) 2 Page - Rohm

Part # SCT3060AL
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCT3060AL Datasheet(HTML) 2 Page - Rohm

  SCT3060AL Datasheet HTML 1Page - Rohm SCT3060AL Datasheet HTML 2Page - Rohm SCT3060AL Datasheet HTML 3Page - Rohm SCT3060AL Datasheet HTML 4Page - Rohm SCT3060AL Datasheet HTML 5Page - Rohm SCT3060AL Datasheet HTML 6Page - Rohm SCT3060AL Datasheet HTML 7Page - Rohm SCT3060AL Datasheet HTML 8Page - Rohm SCT3060AL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Datasheet
SCT3060AL
Example of acceptable Vgs waveform
Thermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Unit
Min.
Typ.
Max.
Thermal resistance, junction - case
RthJC
-
0.70
0.91
C/W
Electrical characteristics (T
a = 25°C)
Parameter
Symbol
Conditions
Values
V
Zero gate voltage
drain current
IDSS
VDS = 650V, VGS = 0V
A
Tj = 25°C
-
Drain - Source breakdown
voltage
V(BR)DSS
VGS = 0V, ID = 1mA
650
-
-
110
Tj = 150°C
-2
-
Gate - Source leakage current
IGSS
VGS = 22V, VDS = 0V
-
-
100
nA
Gate - Source leakage current
IGSS
VGS = 4V, VDS = 0V
--
100
nA
5.6
V
Static drain - source
on - state resistance
RDS(on)
*3
VGS = 18V, ID = 13A
m
Tj = 25°C
Gate threshold voltage
VGS (th)
VDS = 10V, ID = 6.67mA
2.7
-
-60
78
Tj = 125°C
-
79.2
-
Gate input resistance
RG
f = 1MHz, open drain
-
12
-
2/12
2017.08- Rev.C
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Similar Part No. - SCT3060AL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT3060AR ROHM-SCT3060AR Datasheet
932Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT3060ARHR ROHM-SCT3060ARHR Datasheet
1Mb / 17P
   Automotive Grade N-channel SiC power MOSFET
9.Nov.2022 - Rev.002
SCT3060AW7 ROHM-SCT3060AW7 Datasheet
1Mb / 14P
   N-channel SiC power MOSFET
More results

Similar Description - SCT3060AL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com