Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR03D100 Datasheet(PDF) 3 Page - Rohm

Part # MCR03D100
Description  Thick film chip resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03D100 Datasheet(HTML) 3 Page - Rohm

  MCR03D100 Datasheet HTML 1Page - Rohm MCR03D100 Datasheet HTML 2Page - Rohm MCR03D100 Datasheet HTML 3Page - Rohm MCR03D100 Datasheet HTML 4Page - Rohm MCR03D100 Datasheet HTML 5Page - Rohm MCR03D100 Datasheet HTML 6Page - Rohm MCR03D100 Datasheet HTML 7Page - Rohm MCR03D100 Datasheet HTML 8Page - Rohm MCR03D100 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MCR series
Datasheet
Chip resistor dimensions and markings
MCR 004 / 006 / 01 / 03
MCR 10 / 18 / 25 / 50 / 100
<Marking method>
There are three or four digits used for the calculation
number according to IEC code and Ris used for the
decimal point.
(Unit:mm)
Part No.
Type code
(mm)
(inch)
L
W
t
a
b
Marking
existence
MCR004
QLP
0402
01005
0.40±0.02
0.20±0.02
0.13±0.02
0.10±0.03
0.10±0.03
No
MCR006
YLP
0603
0201
0.60±0.03
0.30±0.03
0.23±0.03
0.10±0.05
0.15±0.05
No
MCR01
MZP
1005
0402
1.00±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25
+0.05
-0.10
No
MCR03
EZP
1608
0603
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
Yes*
MCR10
EZP
2012
0805
2.00±0.10
1.25±0.10
0.55±0.10
0.40±0.20
0.40±0.20
Yes
MCR18
EZP
3216
1206
3.20±0.15
1.60±0.15
0.55±0.10
0.50±0.25
0.50±0.25
Yes
MCR25
JZH
3225
1210
3.20±0.15
2.50±0.15
0.55±0.10
0.50±0.25
0.50±0.25
Yes
MCR50
JZH
5025
2010
5.00±0.15
2.50±0.15
0.55±0.15
0.60±0.25
0.60±0.25
Yes
MCR100
JZH
6432
2512
6.30±0.15
3.20±0.15
0.55±0.15
0.60±0.25
0.60±0.25
Yes
Marking method of jumper type
Jumper type
Marking existence
MCR004 / 006 / 01 / 25 / 50 / 100
No
MCR03 / 10 / 18
Yes
*Marking method of MCR25/50/100
Blueglass over coat is used for the jumper type.
There is no marking on the jumper type.
*Marking method of MCR03
For MCR03 series resistors, the printing process restricts the marking to three digits/characters.
Consequently, 1% tolerance resistors with values fromthe E24 series will be marked the same as 5% resistors with the same value,
but 1% tolerance resistors with values fromthe E96 series will not be marked.
Examples:
MCR03EZPJ243
(5% tolerance, E24 / 24 kΩ )
Marking = 243
MCR03EZPFX2402
(1% tolerance, E24 / 24 kΩ )
Marking = 243
MCR03EZPFX2432
(1% tolerance, E96 / 24.3 kΩ )
No Marking
MCR18EZPJ243
(5% tolerance, E24 / 24 kΩ )
Marking = 243
MCR18EZPF2402
(1% tolerance, E24 / 24 kΩ )
Marking = 2402
MCR18EZPF2432
(1% tolerance, E96 / 24.3 kΩ )
Marking = 2432
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
3/6
2017.01 - Rev.M


Similar Part No. - MCR03D100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR03 ROHM-MCR03 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03 ROHM-MCR03 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR03D100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com