Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGSC34119 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SGSC34119
Description  Low Power Audio Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGSC34119 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SGSC34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Elektronische Bauelemente
SGSC34119
Low Power Audio Amplifier
17-Dec-2009 Rev. A
Page 5 of 9
POWER DISSIPATION
Figures 8 to 10 indicate the device dissipation (within the IC) for various combinations of VCC, RL, and load power. The
maximum power which can safely be dissipated within the SGSC34119 is found from the following equation: PD =
(140°C -T A)/
θ
JA where TA is the ambient temperature; and
θ
JA is the package thermal resistance (100°C /W for th e
standard DIP package.)
The power dissipated within the SGSC34119, in a given application, is found from the following equation:
PD = (VCC x ICC) + (IRMS x VCC) – (RL x IRMS
2) where I
CC is obtained from Figure 19; and IRMS is the RMS current at the
load; and RL is the load resistance.
Figures 8 to 10, along with Figures 11 to 13 (distortion curves), and a peak working load current of 200 mA, define the
operating range for the SGSC34119. The operating range is further defined in terms of allowable load power in Figure
14 for loads of 8.0 , 16
and 32 . The left (ascending) portion of each of the three curves is defined by the power level
at which 10% distortion occurs. The center flat portion of each curve is defined by the maximum output current capability
of the SGSC34119. The right (descending) portion of each curve is defined by the maximum internal power dissipation
of the IC at 25°C. At higher ambient temperatures, the maximum load power must be reduced according to the above
equations. Operating the device beyond the current and junction temperature limits will degrade long term reliability.
LAYOUT CONSIDERATIONS
Normally a snubber is not needed at the output of the SGSC34119, unlike many other audio amplifiers. However, the
PC board layout, stray capacitances, and the manner in which the speaker wires are configured, may dictate otherwise.
Generally, the speaker wires should be twisted tightly, and not more than a few inches in length.
CHARACTERISTICS CURVE


Similar Part No. - SGSC34119

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
   Universal DC To DC Converter
More results

Similar Description - SGSC34119

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com