Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2404A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2404A
Description  Zero-Delay Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2404A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2404A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8609A
01/13/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2404A
Zero-Delay Clock Buffer
The relationship between loading of the FB_IN signal and other outputs determines the input-output delay. Zero delay is achieved when
all outputs, including feedback, are loaded equally.
Zero-Delay and Skew Control
CLKIN Input to Output Bank Delay vs. Difference in Loading between FB_IN pin and OUTA/OUTB pins
Maximum Ratings
Supply Voltage to Ground Potential ............................................................................................................................. –0.5V to +7.0V
DC Input Voltage (Except CLKIN) ........................................................................................................................ –0.5V to VDD+0.5V
DC Input Voltage CLKIN ...................................................................................................................................................... –0.5 to 7V
Storage Temperature ................................................................................................................................................... –65ºC to +150ºC
Maximum Soldering Temperature (10 seconds) ........................................................................................................................... 260ºC
Junction Temperature .................................................................................................................................................................. 150ºC
Static Discharge Voltage (per MIL-STD-883, Method 3015) .................................................................................................... >2000V
600
800
400
200
0
–200
–400
–600
–800
–900
–1000
–25
–20
–15
–10
–5
0
5
10
15
20
25
Output Load Difference: FB_IN Load - OUTA/OUTB Load (pF)
PI6C2404A-1
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
t
i
n
U
V D
D
e
g
a
t
l
o
V
y
l
p
p
u
S0
.
36
.
3V
TA
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
l
a
c
i
r
e
m
m
o
C0
0
7
C
º
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
l
a
i
r
t
s
u
d
n
I0
4
–5
8
CL
z
H
M
0
0
1
w
o
l
e
b
,
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
0
3
F
p
z
H
M
3
3
1
o
t
z
H
M
0
0
1
m
o
r
f
,
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
5
1
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
3
.
7
Operating Conditions (VCC =3.3V±0.3V)


Similar Part No. - PI6C2404A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1W PERICOM-PI6C2404A-1W Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1WE PERICOM-PI6C2404A-1WE Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1WI PERICOM-PI6C2404A-1WI Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1WIE PERICOM-PI6C2404A-1WIE Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2404A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com