Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1207ADR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1207ADR2G
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207ADR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1207ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 9Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 10Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 11Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 12Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 13Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1207A
http://onsemi.com
10
Demagnetization Detection
The core reset detection is done by monitoring the voltage
activity on the auxiliary winding. This voltage features a
FLYBACK polarity. The typical detection level is fixed at
50 mV as exemplified by Figure 17.
POSSIBLE
RE−STARTS
50 mV
Figure 17. Core reset detection is done through a
dedicated auxiliary winding monitoring
7.0
5.0
3.0
1.0
−1.0
0 V
Figure 18. Internal Pad Implementation
TO INTERNAL
COMPARATOR
Aux
Resd
Rdem
ESD2
ESD1
4
5
2
4
1
Resd + Rint = 28 k
Rint
3
1
An internal timer prevents any re−start within 8.0
ms
further to the driver going−low transition. This prevents the
switching frequency to exceed (1 / (TON + 8.0
ms)) but also
avoid false leakage inductance tripping at turn−off. In some
cases, the leakage inductance kick is so energetic, that a
slight filtering is necessary.
The 1207 demagnetization detection pad features a
specific component arrangement as detailed by Figure 18. In
this picture, the zener diodes network protect the IC against
any potential ESD discharge that could appear on the pins.
The first ESD diode connected to the pad, exhibits a parasitic
capacitance. When this parasitic capacitance (10 pF
typically) is combined with Rdem, a re−start delay is created
and the possibility to switch right in the drain−source wave
exists. This guarantees QR operation with all the associated
benefits (low EMI, no turn−on losses etc.). Rdem should be
calculated to limit the maximum current flowing through
pin 1 to less than +3 mA/−2 mA. If during turn−on, the
auxiliary winding delivers 30 V (at the highest line level),
then the minimum Rdem value is defined by: (30 V + 0.7 V)
/ 2 mA = 14.6 k
W. This value will be further increased to
introduce a re−start delay and also a slight filtering in case
of high leakage energy.
Figure 19 portrays a typical VDS shot at nominal output
power.
Figure 19. The NCP1207A Operates in
Borderline / Critical Operation
400
300
200
100
0
Overvoltage Protection
The overvoltage protection works by sampling the plateau
voltage 4.5
ms after the turn−off sequence. This delay
guarantees a clean plateau, providing that the leakage
inductance ringing has been fully damped. If this would not
be the case, the designer should install a small RC damper
across the transformer primary inductance connections.
Figure 20 shows where the sampling occurs on the auxiliary
winding.
Figure 20. A voltage sample is taken 4.5
ms after
the turn−off sequence
8.0
6.0
4.0
2.0
0
SAMPLING HERE
4.5
ms
When an OVP condition has been detected, the
NCP1207A enters a latchoff phase and stops all switching
operations. The controller stays fully latched in this position
and the DSS is still active, keeping the VCC between 5.3
V/12 V as in normal operations. This state lasts until the VCC
is cycled down 4 V, e.g. when the user unplugs the power
supply from the mains outlet.
By default, the OVP comparator is biased to a 5 V
reference level and pin1 is routed via a divide by 1.44
network. As a result, when Vpin 1 reaches 7.2 V, the OVP
comparator is triggered. The threshold can thus be adjusted
by either modifying the power winding to auxiliary winding
turn ratios to match this 7.2 V level, or insert a resistor from
Pin 1 to ground to cope with your design requirement.


Similar Part No. - NCP1207ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
236Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 14
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
490Kb / 21P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
September, 2022 - Rev. 15
More results

Similar Description - NCP1207ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com