Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3292CSD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3292CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3292CSD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3292CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed Description
The MAX3291/MAX3292 high-speed RS-485/RS-422
transceivers feature driver preemphasis circuitry, which
extends the distance and increases the data rate of
reliable communication by reducing intersymbol inter-
ference (ISI) caused by long cables. The MAX3291 is
programmable for data rates of 5Mbps to 10Mbps,
while the MAX3292 is programmable for data rates up
to 10Mbps by using a single external resistor.
The MAX3291/MAX3292 are full-duplex devices that
operate from a single +5V supply and offer a low-cur-
rent shutdown mode that reduces supply current to
100nA. They feature driver output short-circuit current
limiting and a fail-safe receiver input that guarantees a
logic-high output if the input is open circuit. A 1/4-unit-
load receiver input impedance allows up to 128 trans-
ceivers on the bus.
Inter-symbol interference (ISI) causes significant prob-
lems for UARTs if the total RS-485/RS-422 signal jitter
becomes 10% or more of the baud period. ISI is
caused by the effect of the cable’s RC time constant on
different bit patterns. If a series of ones is transmitted,
followed by a zero, the transmission-line voltage rises
to a high value at the end of the string of ones (signal 1
in Figure 12). As the signal moves towards the zero
state, it takes longer to reach the zero-crossing,
because its starting voltage is farther from the zero
crossing. On the other hand, if the data pattern has a
string of zeros followed by a one and then another zero,
the one-to-zero transition starts from a voltage that is
much closer to the zero-crossing (VA - VB = 0) and it
takes much less time for the signal to reach the zero-
crossing (signal 2 in Figure 12). In other words, the
propagation delay depends upon the previous bit pat-
tern. This is inter-symbol interference (ISI).
Preemphasis reduces ISI by increasing the signal
amplitude at every transition edge for about one baud
period, counteracting the effects of the cable (see the
section
Setting the Preemphasis Interval). Figure 13
shows a typical preemphasis waveform optimized for
data rates between 5Mbps and 10Mbps. When DI
changes from a logic low to a logic high, the differential
output switches to a strong high. At the end of the pre-
emphasis interval, the strong high returns to a normal
high level. Both levels meet RS-485/RS-422 specifica-
tions, and the strong levels are typically 1.9 times larger
than the normal levels. If DI switches back to a logic
low before the end of the preemphasis interval, the dif-
ferential output switches directly from the strong high to
the strong low. Similarly, this explanation applies when
DI transitions from high to low.
Applications Information
Data Rate vs. Cable Length
In general, preemphasis allows either double the dis-
tance for a fixed data rate or double the data rate for a
fixed existing cable distance over existing RS-485
transceivers that do not feature preemphasis. Figure 14
shows that the MAX3291/MAX3292 transmits approxi-
mately twice as far at the same data rate or twice as
fast at the same cable length as a conventional RS-485
transceiver without preemphasis for 10% jitter.
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
10
______________________________________________________________________________________
SIGNAL 2
SIGNAL 1
VA - VB
BAUD PERIOD
tISI
Figure 12. Inter-Symbol Interference among Two Data
Patterns: Signal 1 = 11111110, Signal 2 = 00000010
100ns
001
0
1
0
1
1
1
0
VY - VZ
DI
2.5V/div
5V/div
Figure 13. Typical Preemphasis Waveform with a 100ns
Preemphasis Interval


Similar Part No. - MAX3292CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3292CSD MAXIM-MAX3292CSD Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
More results

Similar Description - MAX3292CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX22501E MAXIM-MAX22501E Datasheet
1Mb / 19P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22500E MAXIM-MAX22500E Datasheet
1Mb / 19P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22501E MAXIM-MAX22501E_V01 Datasheet
1Mb / 24P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
2021
logo
Analog Devices
MAX22500E AD-MAX22500E Datasheet
1Mb / 23P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 3; 12/21
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com