Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC642.REV3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC642.REV3
Description  3.0 V, Dual Trip Point Temperature Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC642.REV3 Datasheet(HTML) 1 Page - ON Semiconductor

  MC642.REV3 Datasheet HTML 1Page - ON Semiconductor MC642.REV3 Datasheet HTML 2Page - ON Semiconductor MC642.REV3 Datasheet HTML 3Page - ON Semiconductor MC642.REV3 Datasheet HTML 4Page - ON Semiconductor MC642.REV3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2003
February, 2003 - Rev. 3
1
Publication Order Number:
MC623/D
MC623
3.0 V, Dual Trip Point
Temperature Sensor
The MC623 is a 3.0 V solid-state, programmable temperature
sensor designed for use in thermal management applications. It
features dual thermal interrupt outputs (LOW LIMIT and HIGH
LIMIT) each of which program with a single external resistor. The
HIGH LIMIT and LOW LIMIT outputs are driven active (high) when
measured temperature exceeds the user-programmed limits. The
CONTROL output is driven active (high) when temperature exceeds
the HIGH LIMIT setpoint, and turned off when temperature falls
below the LOW LIMIT setpoint. The CONTROL output can be used
to provide simple ON/OFF control to a cooling fan if so desired.
Low voltage operation, easy setpoint programming, small size and
low cost make the MC623 an ideal choice for many thermal
management applications.
Features
Integrated Temperature Sensor and Detector Operate from a Supply
Voltage as Low as 2.7 V
Replaces Mechanical Thermostats and Switches
On-Chip Temperature Sense
8-Pin SOIC for Direct PCB Mounting
2 User-Programmable Temperature Set Points
2 Independent Temperature Limit Outputs
Heat/Cool Regulate Output
Operating Temperature Range: -40°C to +85°C
Typical Applications
CPU Thermal Management
System Over-or Under-Temperature Shutdown
Advanced Thermal Warning
Fan Speed Control Circuits
Accurate Appliance Temperature Sensing
Environmental Control
SO-8
D SUFFIX
CASE TBD
PRELIMINARY INFORMATION
Device
Package
Shipping
ORDERING INFORMATION
MC623DR2
8-Pin SOIC
2500 Tape/Reel
PIN CONFIGURATION
MC623D
1
2
3
4
8
7
6
5
NC
LOW SET
HIGH SET
GND
VCC
LOW LIMIT
HIGH LIMIT
CONTROL
(Top View)
http://onsemi.com


Similar Part No. - MC642.REV3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC6450 ETC2-MC6450 Datasheet
2Mb / 90P
   6-Axis eCompass
MC6470 ETC2-MC6470 Datasheet
2Mb / 64P
   9-Axis Sensor
More results

Similar Description - MC642.REV3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
logo
TelCom Semiconductor, I...
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com