Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3746ETE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3746ETE
Description  Low-Power, 622Mbps to 3.2Gbps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3746ETE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3746ETE Datasheet HTML 4Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 5Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 6Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 7Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 8Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 9Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 10Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 11Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Power, 622Mbps to 3.2Gbps
Limiting Amplifier
______________________________________________________________________________________
11
Typical Operating Circuits (continued)
MAX3744 TIA
IN+
IN-
RSSI
TH
DISABLE
LOS
OUTPOL
VCC
GND
4.7kΩ TO 10kΩ
LOS
2.97V TO 3.6V
OUT+
50Ω
OUT-
50Ω
CIN
0.1µF
COUT
0.1µF
COUT
0.1µF
CIN
0.1µF
SERDES
SUPPLY FILTER
HOST FILTER
VCC_RX
5-PIN TO HEADER
HOST BOARD
SFP OPTICAL RECEIVER
PIN OR
APD
VCC (+3.3V OR APD
REFERENCE VOLTAGE)
VCC (+3.3V)
MAX4004
MAX3746
DS1859
3-INPUT DIAGNOSTIC
MONITOR
RTH = 14kΩ
16
1
2
3
4
GND
VCC1
IN+
IN-
VCC1
VCC2
OUT+
OUT-
OUTPOL
15
N.C.
14
N.C.
13
5
6
7
8
12
11
10
9
RSSI
TH DISABLE LOS
GND
3mm x 3mm QFN
MAX3746
Pin Configuration


Similar Part No. - MAX3746ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746ETE MAXIM-MAX3746ETE Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
More results

Similar Description - MAX3746ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com