Electronic Components Datasheet Search |
|
SB340 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
SB340 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 2 page 3.0 A 0.02 Unit Characteristic Symbol 80 A V 250 pF 25 °C/W -55 to +150 °C SB320 – SB3200 3.0A SCHOTTKY BARRIER DIODE Features ! Schottky Barrier Chip ! Guard Ring Die Construction for Transient Protection ! High Current Capability A B A ! Low Power Loss, High Efficiency ! High Surge Current Capability ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications C D Mechanical Data ! Case: DO-201AD, Molded Plastic ! Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band ! Weight: 1.2 grams (approx.) ! Mounting Position: Any ! Marking: Type Number ! Lead Free: For RoHS / Lead Free Version, Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR RMS Reverse Voltage VR(RMS) Average Rectified Output Current @TL = 95°C (Note 1) IO Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM Forward Voltage @IF = 3.0A VFM Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 0.5 20 mA Typical Junction Capacitance (Note 2) Cj Typical Thermal Resistance (Note 1) RJA Operating and Storage Temperature Range Tj, TSTG Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 1 of 2 SB320 – SB3200 V SB320 SB330 SB340 SB350 SB360 SB380 SB3100 SB3150 SB3200 10 0.5 0.75 0.85 0.92 V 20 14 30 21 40 28 50 35 60 42 80 56 100 70 150 105 200 140 Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com DO-201AD Dim Min Max A 25.4 — B 8.50 9.50 C 1.20 1.30 D 5.0 5.60 All Dimensions in mm DO-201AD Dim Min Max A 24.5 — B 7.20 9.50 C 1.10 1.30 D 5.00 5.60 All Dimensions in mm |
Similar Part No. - SB340 |
|
Similar Description - SB340 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |