Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB320 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SB320
Description  3.0A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB320 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB320 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB320 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0
A
0.02
Unit
Characteristic
Symbol
80
A
V
250
pF
25
°C/W
-55 to +150
°C
SB320 – SB3200
3.0A SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-201AD, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 95°C
(Note 1)
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage
@IF = 3.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
SB320 – SB3200
V
SB320
SB330
SB340
SB350
SB360
SB380
SB3100 SB3150 SB3200
10
0.5
0.75
0.85
0.92
V
20
14
30
21
40
28
50
35
60
42
80
56
100
70
150
105
200
140
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-201AD
Dim
Min
Max
A
25.4
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm


Similar Part No. - SB320

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB320 DIOTEC-SB320 Datasheet
92Kb / 2P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SB320 KEXIN-SB320 Datasheet
776Kb / 2P
   Schottky Diodes
logo
Fairchild Semiconductor
SB320 FAIRCHILD-SB320 Datasheet
45Kb / 3P
   Schottky Rectifiers
More results

Similar Description - SB320

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5820 WTE-1N5820_06 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
SR320 WTE-SR320_06 Datasheet
60Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR320 ZSELEC-SR320 Datasheet
83Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB320 WTE-SB320_06 Datasheet
59Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com