Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSHF5410 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSHF5410
Description  High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHF5410 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSHF5410 Datasheet HTML 1Page - Vishay Siliconix TSHF5410 Datasheet HTML 2Page - Vishay Siliconix TSHF5410 Datasheet HTML 3Page - Vishay Siliconix TSHF5410 Datasheet HTML 4Page - Vishay Siliconix TSHF5410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSHF5410
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 24-Aug-11
2
Document Number: 81303
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
0
1020
3040506070
8090100
21211
Tamb - Ambient Temperature (°C)
RthJA = 230 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
Tamb - Ambient Temperature (°C)
21212
RthJA = 230 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.4
1.6
V
IF = 1 A, tp = 100 μs
VF
2.3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
- 1.8
mV/K
Reverse current
VR = 5 V
IR
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
45
70
135
mW/sr
IF = 1 A, tp = 100 μs
Ie
700
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φe
50
mW
Temperature coefficient of
φe
IF = 100 mA
TK
φe
- 0.35
%/K
Angle of half intensity
ϕ
± 22
deg
Peak wavelength
IF = 100 mA
λp
890
nm
Spectral bandwidth
IF = 100 mA
Δλ
40
nm
Temperature coefficient of
λp
IF = 100 mA
TK
λp
0.25
nm/K
Rise time
IF = 100 mA
tr
30
ns
Fall time
IF = 100 mA
tf
30
ns
Cut-off frequency
IDC = 70 mA, IAC = 30 mA pp
fc
12
MHz
Virtual source diameter
d2.1
mm


Similar Part No. - TSHF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode in T-1 3/4 Package
Rev. 1.1, 26-Oct-06
TSHF5410 VISHAY-TSHF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF5410 VISHAY-TSHF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF5410 VISHAY-TSHF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSHF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSSF4500 VISHAY-TSSF4500_11 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 24-Aug-11
VSMF3710 VISHAY-VSMF3710_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF3710 VISHAY-VSMF3710_09 Datasheet
149Kb / 7P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 03-Nov-09
TSHF6410 VISHAY-TSHF6410_V02 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
VSMF3710 VISHAY-VSMF3710_15 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 2.0, 02-Nov-15
TSHF6210 VISHAY-TSHF6210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHF5210 VISHAY-TSHF5210_V01 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_V01 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com