Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB82A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P6SMB82A
Description  6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P6SMB82A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P6SMB82A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB82A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB82A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB82A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB82A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10 X 1000 Waveform
as defined by REA
0
25
50
75 100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
0.1
1.0
T , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
0.1
10
100
1.0
10
100
1000
10000
IMPULSE
T = 25°C
C
01
2
3
100
50
0
t = 10ms
r
Peak Value Ipp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
tp
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V = 50mV p-p
sig
2 of 5
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
P6SMB SERIES
P6SMB SERIES
Alldatasheet


Similar Part No. - P6SMB82A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB82A VISHAY-P6SMB82A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB82A CENTRAL-P6SMB82A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB82A CHENDA-P6SMB82A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
EIC discrete Semiconduc...
P6SMB82A EIC-P6SMB82A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6SMB82A HUAXINAN-P6SMB82A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB82A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com