Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE62A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P6KE62A
Description  600W TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P6KE62A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P6KE62A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P6KE62A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P6KE62A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P6KE62A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P6KE SERIES
P6KE SERIES
2 of 4
10 X 1000 Waveform
as defined by REA
0
25
50
75 100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
L = 9.5 mm
40x40x1mmCu
0
25
50
75
100 125 150 175 200
0
1.25
2.5
3.75
5.0
T , LEAD TEMPERATURE (°C)
Fig. 5, Steady State Power Derating
L
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
0.1
1.0
T , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
0.1
10
100
1.0
10
100
1000
10000
IMPULSE
T = 25°C
C
01
2
3
100
50
0
t = 10ms
r
Peak Value Ipp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
tp
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V = 50mV p-p
sig
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - P6KE62A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE62A VISHAY-P6KE62A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
SUNMATE electronic Co.,...
P6KE62A SUNMATE-P6KE62A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Motorola, Inc
P6KE62A MOTOROLA-P6KE62A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE62A VISHAY-P6KE62A Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Littelfuse
P6KE62A LITTELFUSE-P6KE62A Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - P6KE62A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6KE600C WEITRON-P6KE600C Datasheet
373Kb / 3P
   600W Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
SMBJ5.0CA HUAXINAN-SMBJ5.0CA_V01 Datasheet
442Kb / 6P
   600W Transient Voltage Suppressors
P6KE6.8CA HUAXINAN-P6KE6.8CA_V01 Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
P6KE6.8A WEITRON-P6KE6.8A Datasheet
104Kb / 3P
   600W Transient Voltage Suppressors
P6KE550C WEITRON-P6KE550C Datasheet
63Kb / 2P
   600W Transient Voltage Suppressors
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P6SMB6.8CA HUAXINAN-P6SMB6.8CA Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com