Electronic Components Datasheet Search |
|
P4KE68 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
P4KE68 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 4 page Fast Response Time <1ns P4KE SERIES P4KE SERIES 400W TRANSIENT VOLTAGE SUPPRESSORS Features ! Glass Passivated Die Construction ! 400W Peak Pulse Power Dissipation ! 6.8V – 440V Standoff Voltage A B A ! Uni- and Bi-Directional Versions Available ! Excellent Clamping Capability ! ! Plastic Case Material has UL Flammability Classification Rating 94V-O C D Mechanical Data ! Case: DO-41 Molded Plastic ! Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band or Cathode Notch ! Marking: Unidirectional – Device Code and Cathode Band Bidirectional – Device Code Only Weight: 0.34 grams (approx.) “C” Suffix Designates Bi-directional Devices “A” Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Characteristic Symbol Value Unit Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3 PPPM 400 W Peak Forward Surge Current (Note 3) IFSM 40 A Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1 IPPM See Table 1 A Steady State Power Dissipation (Note 2, 4) PM(AV) 1.0 W Operating and Storage Temperature Range Tj, TSTG -55 to +150 °C Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4. 2. Mounted on 40mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75°C = TL . 5. Peak pulse power waveform is 10/1000µS. DO-41 Dim Min Max A 25.4 — B 4.06 5.21 C 0.60 0.864 D 2.00 2.85 All Dimensions in mm 1 of 4 ! Lead Free: For RoHS / Lead Free Version ! Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com Alldatasheet |
Similar Part No. - P4KE68 |
|
Similar Description - P4KE68 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |