Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1M Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # RS1M
Description  1.0A SURFACE MOUNT FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

RS1M Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  RS1M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd RS1M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Classification Rating 94V-O
Ultra-Fast Recovery Time
Low Power Loss
Surge Overload Rating to 30A Peak
Ideally Suited for Automatic Assembly
150
250
500
nS
1.3
V
Characteristic
Symbol
RS1A RS1B
RS1D
RS1G
RS1J
RS1K
RS1M
Unit
1.0A SURFACE MOUNT FAST RECOVERY
DIODE
-65 to +150
°C
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
RS1A – RS1M
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
Case: SMA/DO-214AC, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
RS1A – RS1M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.079(2.0)
0.098(2.5)
0.105(2.70)
0.094(2.40)
0.152(3.9)
0.167(4.3)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
SMA/DO-214AC
Dimensions in inches and (millimeters)
Alldatasheet


Similar Part No. - RS1M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RS1M PHILIPS-RS1M Datasheet
60Kb / 12P
   SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
Nantong Hornby Electron...
RS1M HORNBY-RS1M Datasheet
353Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Unisonic Technologies
RS1M UTC-RS1M Datasheet
115Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
RS1M CHENDA-RS1M Datasheet
535Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
RS1M BILIN-RS1M Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - RS1M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR1A ZSELEC-FR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
FS1A ZSELEC-FS1A Datasheet
62Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1M ZSELEC-RS1M Datasheet
105Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1ABF ZSELEC-RS1ABF Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR1A WTE-FR1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1A WTE-RS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1A WTE-RS1A_V01 Datasheet
43Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
September, 2012
logo
Zibo Seno Electronic En...
RS1AF ZSELEC-RS1AF Datasheet
151Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Tiger Electronic Co.,Lt...
FFM101 TGS-FFM101 Datasheet
162Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com