Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3150QN Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS3150QN
Description  3.3V, DS3/E3/STS-1 Line Interface Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3150QN Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS3150QN Datasheet HTML 6Page - Maxim Integrated Products DS3150QN Datasheet HTML 7Page - Maxim Integrated Products DS3150QN Datasheet HTML 8Page - Maxim Integrated Products DS3150QN Datasheet HTML 9Page - Maxim Integrated Products DS3150QN Datasheet HTML 10Page - Maxim Integrated Products DS3150QN Datasheet HTML 11Page - Maxim Integrated Products DS3150QN Datasheet HTML 12Page - Maxim Integrated Products DS3150QN Datasheet HTML 13Page - Maxim Integrated Products DS3150QN Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DS3150
10 of 28
1.2 Transmitter
Transmit Clock. The clock applied at the TCLK input is used to clock in data on the TPOS/TNRZ and
TNEG pins. If the jitter attenuator is not enabled in the transmit path, the signal on TCLK is the transmit
line clock and must be transmission quality (i.e.,
±20ppm frequency accuracy and low jitter). If the jitter
attenuator is enabled in the transmit path, the signal on TCLK can be jittery and/or periodically gapped
(not exceeding 8 UI) but must still have an average frequency within
±20ppm of the nominal line rate.
When enabled in the transmit path, the jitter attenuator generates the transmit line clock from the signal
applied on the MCLK pin. The signal on MCLK must, therefore, be a transmission-quality clock
(
±20ppm frequency accuracy and low jitter). The duty cycle of TCLK is not restricted as long as the high
and low times listed in Section 3 are met.
To support a glueless interface to a variety of neighboring components, the polarity of TCLK can be
inverted using the ICE input pin. See the ICE pin description in Table 2-A for details.
Framer Interface Format and the B3ZS/HDB3 Encoder. Data to be transmitted can be input in
either NRZ or bipolar format. To select the bipolar format, wire the
ZCSE input pin high. In this format,
the B3ZS/HDB3 encoder is disabled, and the data to be transmitted is sampled on the TPOS and TNEG
input pins. Positive-polarity pulses are indicated by TPOS = 1 while negative-polarity pulses are indicated
by TNEG = 1. TPOS and TNEG should not be active at the same time.
To select the NRZ format, wire
ZCSE low. In this format, the B3ZS/HDB3 encoder is enabled, and the
data to be transmitted is sampled on the TNRZ pin. The TNEG pin is ignored in NRZ mode and should
be tied low.
Pattern Generation. The transmitter can generate a number of different patterns internally, including
unframed all ones (E3 AIS), 1010…, and DS3 AIS. See Figure 1-5 for the structure of the DS3 AIS
signal. The TDS0 and TDS1 inputs are used to select these on-board patterns. Table 2-B indicates the
possible selections.
Waveshaping, Line Build-Out, Line Driver. The waveshaping block converts the transmit clock,
positive data, and negative data signals into a single AMI signal that meets applicable
telecommunications standards when transmitted on 75
W coaxial cable. Table 1-C through Table 1-G and
Figure 1-4 show the waveform template specifications and test parameters from ANSI T1.102, Telcordia
GR-253-CORE and GR-499-CORE, and ITU-T G.703.
Because DS3 and STS-1 signals must meet the waveform templates at the cross-connect through any
cable length from 0 to 450 feet, the waveshaping circuitry includes a selectable LBO feature. For cable
lengths of 225 feet or greater, the LBO pin should be low. When LBO is low, output pulses are driven
onto the coaxial cable without any preattenuation. For cable lengths less than 225 feet, LBO should be
high. When LBO is high, pulses are preattenuated before being driven onto the coaxial cable. The LBO
circuitry provides attenuation that mimics the attenuation of 225 feet of coaxial cable.
To power down the transmitter and tri-state the TX+ and TX- output pins, pull the
TTS input pin low.
Interfacing to the Line. The transmitter interfaces to the outgoing DS3/E3/STS-1 coaxial cable (75
W)
through a 2:1 step-down transformer connected to the TX+ and TX- output pins. Figure 1-2 shows the
arrangement of the transformer and other recommended interface components.


Similar Part No. - DS3150QN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3150DK MAXIM-DS3150DK Datasheet
432Kb / 12P
   On-board oscillators serve as local timing sources for DS3 and E3 operation
070202
More results

Similar Description - DS3150QN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com