Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3150 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3150
Description  3.3V, DS3/E3/STS-1 Line Interface Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3150 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3150 Datasheet HTML 1Page - Maxim Integrated Products DS3150 Datasheet HTML 2Page - Maxim Integrated Products DS3150 Datasheet HTML 3Page - Maxim Integrated Products DS3150 Datasheet HTML 4Page - Maxim Integrated Products DS3150 Datasheet HTML 5Page - Maxim Integrated Products DS3150 Datasheet HTML 6Page - Maxim Integrated Products DS3150 Datasheet HTML 7Page - Maxim Integrated Products DS3150 Datasheet HTML 8Page - Maxim Integrated Products DS3150 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 of 28
REV: 012505
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS3150 performs all the functions necessary for
interfacing at the physical layer to DS3, E3, and
STS-1 lines. The receiver performs clock and data
recovery, B3ZS/HDB3 decoding, and loss-of-signal
monitoring. The transmitter encodes outgoing data
and drives standards-compliant waveforms onto 75Ω
coaxial cable. The jitter attenuator can be mapped
into the receive path or the transmit path.
APPLICATIONS
SONET/SDH and PDH Multiplexers
Digital Cross-Connects
Access Concentrators
ATM and Frame Relay Equipment
Routers
PBXs
DSLAMs
CSUs/DSUs
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS3150QN
-40
°C to +85°C
28 PLCC
DS3150Q
0
°C to +70°C
28 PLCC
DS3150TN
-40
°C to +85°C
48 TQFP
DS3150T
0
°C to +70°C
48 TQFP
FUNCTIONAL DIAGRAM
FEATURES
§ Integrated Transmitter, Receiver, and Jitter
Attenuator for DS3, E3, and STS-1
§ Performs Receive Clock/Data Recovery and
Transmit Waveshaping
§ Jitter Attenuator Can Be Placed in the Receive
Path or the Transmit Path
§ AGC/Equalizer Block Handles from 0dB to
15dB of Cable Loss
§ Interfaces to 75W Coaxial Cable at Lengths Up to
380m (DS3), 440m (E3), or 360m (STS-1)
§ Interfaces Directly to a DSX Monitor Signal
(20dB Flat Loss) Using Built-In Preamp
§ Built-In B3ZS and HDB3 Encoder/Decoder
§ Bipolar and NRZ Interfaces
§ Local and Remote Loopbacks
§ On-Board 215 - 1 and 223 - 1 Pseudorandom Bit
Sequence (PRBS) Generator and Detector
§ Line Build-Out (LBO) Control
§ Transmit Line-Driver Monitor Checks for a
Faulty Transmitter or a Shorted Output
§ Complete DS3 AIS Generator (ANSI T1.107)
§ Unframed All-Ones Generator (E3 AIS)
§ Clock Inversion for Glueless Interfacing
§ Tri-State Line Driver for Low-Power Mode and
Protection Switching Applications
§ Loss-of-Signal (LOS) Detector (ANSI T1.231
and ITU G.775)
§ Requires Minimal External Components
§ Drop-In Replacement for TDK 78P2241/B and
78P7200L (Refer to Application Note 362)
§ Pin Compatible with TDK 78P7200
§ 3.3V Operation (5V Tolerant I/O), 110mA (max)
§ Industrial Temperature Range: -40°C to +85°C
§ Small Packaging: 28-Pin PLCC and
48-Pin TQFP
Pin Configurations appear at end of data sheet.
DS3150
3.3V, DS3/E3/STS-1 Line Interface Unit
www.maxim-ic.com
DEMO KIT AVAILABLE
Rx+
Rx-
Tx+
Tx-
RCLK
LINE IN
DS3, E3,
STS-1
LINE OUT
DS3, E3,
STS-1
DS3150
LIU
RPOS
RNEG
TCLK
TPOS
TNEG
RECEIVE
CLOCK
AND DATA
TRANSMIT
CLOCK
AND DATA


Similar Part No. - DS3150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3150DK MAXIM-DS3150DK Datasheet
432Kb / 12P
   On-board oscillators serve as local timing sources for DS3 and E3 operation
070202
More results

Similar Description - DS3150

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com