Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3027R-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CXD3027R-1
Description  CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CXD3027R-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CXD3027R-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CXD3027R-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DRAM
Compression technique
Time (logical value)
Approx. 3 s
Approx. 11 s
Approx. 5 s
Approx. 12 s
Approx. 44 s
4M-bit
DRAM
No compression
4-bit compression
6-bit compression
8-bit compression
No compression
4-bit compression
6-bit compression
8-bit compression
16M-bit
DRAM
Approx. 30 s
Approx. 22 s
Approx. 7 s
s Figure 1 CXD3027R-1 System Block Diagram
s Figure 2 CXD3027R-1 Block Diagram
s Table 1 Continuous Playback Times Provided during Mechanical Shock
Optical
mechanism
KSM-780AAA
RF amp.
CXA1821M
Driver IC
CXA2534Q
4M-bit/
16M-bit
DRAM
System
controller
SPC700
series
DSP
CXD3027R-1
Digital servo
block
DSP block
Output
CIRC
Digital
PLL
Servo DSP
ECC
RAM
Memory
controller
for anti-
shock
Digital
filter
DAC
XTAI
GFS
XUGF
VCTL
VPCO
WFCK
EMPH
C2PO
WDCK
XTSL
XTAO
OP amp.
analog SW
Servo block
Signal-processing
block
Memory controller
Bass boost block
CPU
interface
Anti-shock memory controller
+
Compression/
expansion circuit
DAC
LPF
LPF
Servo
interface
MIRR
DFCT
FOK
Digital
PLL
Asymmetry
corrector
EFM
demodulator
D/A
interface
Sub code
processor
Servo
auto
sequencer
32K-bit
RAM
Digital
CLV
Selector
Digital
out
A/D
converter
Error
corrector


Similar Part No. - CXD3027R-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
More results

Similar Description - CXD3027R-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
NXP Semiconductors
SAF360X_FAM_SDS PHILIPS-SAF360X_FAM_SDS_15 Datasheet
940Kb / 15P
   Digital radio and processing system-on-chip
Rev. 3-23 January 2015
logo
Panasonic Semiconductor
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
logo
Panasonic Semiconductor
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com