Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-PFM-C42C-A10-02 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-PFM-C42C-A10-02
Description  PC/104 Ethernet Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PFM-C42C-A10-02 Datasheet(HTML) 1 Page - AAEON Technology

  TF-PFM-C42C-A10-02 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04-18
www.aaeon.com
Note: All specifications are subject to change without notice.
Specifications
Specifications
Features
Features
Hardware and Software Compatible with Novell® NE2000
Automatically Detects 8-bit or 16-bit Data Bus
Pure PC/104 Interface for 10Base-T Ethernet
TF-PCM-3660-B10
PC/104 Board 10Base-T Ethernet Module
PC/104 Ethernet Module
I/O Address
200, 220, 240, 260, 280, 2A0, 2C0, 300, 320, 340, 380, 3A0
Interrupt Level
IRQ 3,4,5,9,10,11,12 or 15
Boot ROM Address
C0000, C8000, D0000 or D8000H (Optional)
Data Bus
8-bit, 16-bit, or auto-sensing
Standard
IEEE 802.3 10Mbps CSMA/CD 10Base-T Transceiver
Power Consumption
+5V@400mA max
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C )
Ordering Information
Communication Modules
PCM-3660 Rev. B
PC/104+ Interface Rev. 2.3
Supports 4 or 8 COM Ports
Full Duplex Serial Communication
TF-PFM-C42C-A10
PCI-104 Board, Oxford (OXuPCI954), 8 COM Ports Module, Rev. A1.0
TF-PFM-C42C-A10-02
PCI-104 Board, Oxford (OXuPCI954), 4 COM Ports Module, Rev. A1.0
1701090150
COM Cable (Flat Cable. D-Sub 9P)
PCI-104 4/8-Port RS-232/422/485 Module
Chipset
Oxford OXuPCI954
Power Requirement
+3.3V
Board Size
3.55” x 3.77” (90mm x 96mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C )
Ordering Information
Optional Accessories
Communication Modules
PFM-C42C


Similar Part No. - TF-PFM-C42C-A10-02

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PFM-C20N-A11 AAEON-TF-PFM-C20N-A11 Datasheet
192Kb / 1P
   PC/104 Power Supply
TF-PFM-C20N-A11-01 AAEON-TF-PFM-C20N-A11-01 Datasheet
192Kb / 1P
   PC/104 Power Supply
TF-PFM-CVS-A10-10 AAEON-TF-PFM-CVS-A10-10 Datasheet
252Kb / 2P
   PC/104 Module with Intel Atom N2600 Processor
TF-PFM-CVS-A10-10 AAEON-TF-PFM-CVS-A10-10 Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
TF-PFM-CVS-A10-10 AAEON-TF-PFM-CVS-A10-10 Datasheet
259Kb / 2P
   204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
More results

Similar Description - TF-PFM-C42C-A10-02

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-3660 AAEON-PCM-3660 Datasheet
167Kb / 1P
   PC/104 Ethernet Module
PCM-3521 AAEON-PCM-3521 Datasheet
475Kb / 1P
   PC/104 VGA Module
PCM-3730 AAEON-PCM-3730 Datasheet
161Kb / 1P
   PCI-104 Triple Ethernet Module
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
   PC/104-Plus PCMCIA Module
logo
Advantech Co., Ltd.
PCM-3375 ADVANTECH-PCM-3375 Datasheet
333Kb / 2P
   VIA Mark CoreFusion??PC/104 Module with VGA/LCD, Ethernet & SSD
24-Mar-2009
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
   USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
logo
List of Unclassifed Man...
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
   PC/104-Plus Video Expansion Module
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
   PC/104-Plus Video Expansion Module
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
   PC/104, PC/104-Plus, VarPol connector
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
   MICROSPACE PC/104
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com