Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1709100254 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1709100254
Description  Wide DC Support 9~36V, 12V Only (Optional)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1709100254 Datasheet(HTML) 1 Page - AAEON Technology

  1709100254 Datasheet HTML 1Page - AAEON Technology 1709100254 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03
03-1
03-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Features
Specifications
Packing List
Product DVD
GENE-SKU6 with Heatspreader
GENE-SKU6
3.5” SubCompact Board with Intel® Core™ i7/i5/i3/Celeron® Processor SoC
SATA 3
Intel® Core™ i7/i5/i3/Celeron® Processor SoC
DDR4 1866/2133, SODIMM x 1
DVI, CRT/DP, 18/24-bit Dual-Channel LVDS
2 CH Audio
SATA III x 1 & mSATA (share with half-size Mini-Card and selective
by BIOS)
Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
COM x 4 (RS-232 x 1, RS-232/422/485 x 3)
Mini-Card Slot x 1 (Full size), TPM (Optional), SIM
Wide DC Support 9~36V, +12V Only (Optional)
4/5/8-wire Resistive Touch Screen Controller
BIO Connector for Daughter Board
Solder Design for System Assembly and Thermal
System
Form Factor
3.5'' SubCompact Board
CPU
Intel® 6th Generation Core™ i7-6600U/i5-6300U SoC Processor
CPU Frequency
Up to 3.0GHz
Chipset
Intel® 6th Generation Core™ i7-6600U/i5-6300U SoC Processor
Memory Type
DDR4 1866/2133, SODIMM x1
Max. Memory Capacity
Up to 16 GB
BIOS
UEFI
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+9~36V or +12V
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
Intel® i7-6600U, DDR4 2133MHz 16G,
1.75A@ +12V
Dimension (L x W)
5.75" x 4" (146mm x 101.7mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 81°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
123,000
Certification
CE/FCC
Display
VGA/LCD Controller
Intel® 6th Generation Core™ SoC Processor
Video Output
DVI-I, CRT/DP, LVDS (CRT is shared wih DP, and default is DP)
Backlight inverter supply
Yes
I/O
Ethernet
Intel® i210/i211, 10/100/1000Base-TX, RJ-45 x 2 (Support EtherCAT)
Audio
High Definition Audio Interface
USB Port
USB 3.0 x 4
USB 2.0 x 2
Serial Port
RS-232 x 1 , RS-232/422/485 x 3
Parallel Port
HDD Interface
SATA 3.0 x 1
+5V SATA power connector x 1
FDD Interface
SSD
mSATA (share with half-size Mini-Card and selective by BIOS)
Expansion Slot
1. BIO x 1
2. Mini-Card x 2 and default is
2.1. mSATA x 1 (half-size)
2.2. Mini-Card x 1(Full-size)
DIO
8 Bit
SIM
x 1
TPM
x 1 (option)
Touch
x 1
USB3.0
LAN
DP
DVI
DDR4 RAM x 1
COM x 4
LVDS
SATA
SIM
Mini-Card
Optional Accessories
Part Number
Description
QTY
1700050207
(TF)USB CABLE.1*5P Pitch=1.25mm Housinh.20cm.for PFM-945C
2
1701090150
(TF)Flat Cable.D-Sub 9(M).9P Housing.9P 1.25mm pitch Housing.15cm
4
1709100254
(TF)PHONE JACK Cable.3P AUDIO JACK.1*10P 1.25mm HOUSING(F).25cm
1
1702150155
(TF)Power Cable.15P SATA(F).2P 2.0mm Housing(PH).15cm
1
170220020B
(TF)Power Cable.20P ATX(M).4P 5.08mm Housing(F).+3P 2.5mm
Housing(XH).20cm
1
1702002010
(TF)Power CABLE.1*2P Pitch=5.0mm Housing.10cm.for PFM-945C.(12V only) 1
GENE-SKU6-FAN01 CPU Cooler, 3P, .5000RPM, A1.0, REV. A1.0
1
GENE-SKU6-HSK01 Al, Heatsink, 146 x 80 x 14mm, Silver, REV. A1.0
1
OS Support Chart
CPU
Base Frequency/
Turbo Boost GHz
Core/
Thread
Last Level
Cache
TDP
Graphic
i7-6600U
2.6/3.4
2/4
4M
15W
GT2 - 520
i5-6300U
2.4/3.0
2/4
3M
15W
GT2 - 520
i3-6100U
2.3
2/4
3M
15W
GT2 - 520
C-3955U
2
2/2
2M
15W
GT1 - 510


Similar Part No. - 1709100254

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1709100254 AAEON-1709100254 Datasheet
349Kb / 2P
   gigabit ethernet
1709100254 AAEON-1709100254 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
1709100254 AAEON-1709100254 Datasheet
279Kb / 2P
   gigabit ethernet
1709100254 AAEON-1709100254 Datasheet
318Kb / 2P
   gigabit ethernet
1709100254 AAEON-1709100254 Datasheet
334Kb / 2P
   supports tpm
More results

Similar Description - 1709100254

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-7117 PROTECHSYSTEMS-SP-7117 Datasheet
569Kb / 2P
   Support wide voltage DC in (9~36V)
SP-6207 PROTECHSYSTEMS-SP-6207 Datasheet
557Kb / 2P
   Support wide range voltage DC in (9~36V)
SP-6209 PROTECHSYSTEMS-SP-6209 Datasheet
557Kb / 2P
   Support wide range voltage DC in (9~36V)
logo
AAEON Technology
GENE-APL5 AAEON-GENE-APL5 Datasheet
571Kb / 2P
   DC 12V Only or 9~19V (Optional), AT/ATX Mode
logo
Lineage Power Corporati...
APXW005A0X3-SRZ LINEAGEPOWER-APXW005A0X3-SRZ Datasheet
4Mb / 21P
   9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
logo
Power-One
NVS01YG POWER-ONE-NVS01YG Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
logo
Lineage Power Corporati...
APXW005A0X LINEAGEPOWER-APXW005A0X_11 Datasheet
4Mb / 21P
   9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
logo
Axiomtek Co., Ltd.
EBOX310-830-FL AXIOMTEK-EBOX310-830-FL Datasheet
504Kb / 2P
   Optional CAN Bus support
logo
Linear Technology
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
   Wide 4.5V to 36V Input Range
Rev 0; 3/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com