Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170220020B Datasheet(PDF) 1 Page - AAEON Technology

Part # 170220020B
Description  DC 12V Only or 9~19V (Optional), AT/ATX Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

170220020B Datasheet(HTML) 1 Page - AAEON Technology

  170220020B Datasheet HTML 1Page - AAEON Technology 170220020B Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03
03-11
03-12
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Features
Specifications
Packing List
Product DVD
GENE-APL5 with Heatsink
GENE-APL5
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
SATA 3
Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
DDR3L 1866 MHz SODIMM x 1, up to 8 G
VGA/LVDS/LVDS2 (HDMI Co-layout with LVDS2 Optional)
2 CH Audio, SATA III x 1
Support 8-bit Digital I/O , USB 2.0 x 4 , USB 3.0 x 2 , COM x 4
Mini Card x 1 (Half size), mSATA x 1 (Full size)
DC 12V Only or +9~19V (Optional), AT/ATX Mode
Supports TPM (Optional)
4/5/8-wire Resistive Touch Screen Controller (Optional)
2017/08/16
System
Form Factor
3.5'' SubCompact Board
CPU
Intel® Pentium® N4200/ Celeorn® N3350 Processor SoC
CPU Frequency
Up to 2.5 GHz
Chipset
Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
Memory Type
DDR3L 1866MHz, SODIMM x 1
Max. Memory Capacity
Up to 8GB
BIOS
UEFI
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+12V OR+9~19V (optional)
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
Intel® N4200, DDR3L 1600MHz 8G,
1.57A@ +12V
Dimension (L x W)
5.75" x 4" (146mm x 101.7mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 81°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
128,000
Certification
CE/FCC
Display
VGA/LCD Controller
Intel® Atom™N4200/ N3350 Processor SoC integrate
Video Output
VGA/LVDS/ LVDS2 (co-layout with HDMI, optional)
Backlight inverter supply
Yes
I/O
Ethernet
Intel® i210/I211, 10/100/1000Base-TX, RJ-45 x 2
Audio
High Definition Audio Interface
USB Port
USB 3.0 x 2
USB 2.0 x 4
Serial Port
RS-232 x 2 , RS-232/422/485 x 2
Parallel Port
SPP/EPP/ECP x 1 (Option, share with DIO)
HDD Interface
SATA 3.0 x 1
+5V SATA power connector x 1
FDD Interface
SSD
mSATA
Expansion Slot
mSATA x 1 (full-size)
miniCard x 1 (half-size)
DIO
8 Bit
SIM
x 1 (uSIM) (Optional)
TPM
x 1 (Optional)
Touch
x 1 (Optional)
USB3.0
LAN
VGA
COM
HDMI
SATA
COM
USB
LVDS
LVDS
Optional Accessories
Part Number Description
QTY
1700050207
(TF) USB CABLE.1*5P Pitch=1.25mm Housinh.20cm.for PFM-945C
4
1701090150
(TF) Flat Cable.D-Sub 9(M).9P Housing.9P 1.25mm pitch Housing.15cm
3
1709100254
(TF) PHONE JACK Cable.3P AUDIO JACK.1*10P 1.25mm HOUSING(F).25cm
1
1709070500
(TF) SATA CABLE.7P Pitch 1.27mm.50cm
1
1701260200
(TF) Flat Cable.25P D-SUB FEMALE.26P 2.00mm Pitch Housing.20cm
1
170204010R
(TF) Power Cable.Double 4P 5.08mm Housing(M).10cm
1
1702150155
(TF) Power Cable.15P SATA(F).2P 2.0mm Housing(PH).15cm
1
170220020B
(TF) Power Cable.20P ATX(M).4P 5.08mm Housing(F).+3P 2.5mm
Housing(XH).20cm
1
1700060157
(TF) Cable.6P 2.0mm Housing.6P JACK W/SCREW KB&MS.15cm
1


Similar Part No. - 170220020B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
170220020B AAEON-170220020B Datasheet
279Kb / 2P
   gigabit ethernet
170220020B AAEON-170220020B Datasheet
318Kb / 2P
   gigabit ethernet
170220020B AAEON-170220020B Datasheet
334Kb / 2P
   supports tpm
170220020B AAEON-170220020B Datasheet
443Kb / 2P
   Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
170220020B AAEON-170220020B Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
More results

Similar Description - 170220020B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-BT04 AAEON-GENE-BT04 Datasheet
294Kb / 2P
   dc 12v atx mode
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Delta Electronics, Inc.
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
   Complies with ATX 12V V1.1
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
   Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
logo
Sparkle Power Inc.
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
   1200 Watts ATX 12V Switching Power Supply
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
   250 Watts ATX12V Swithcing Power Supply
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
SPI250EP SPI-SPI250EP Datasheet
42Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-60GHC SPI-FSP250-60GHC Datasheet
256Kb / 1P
   250 Watts ATX12V Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com