Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1702002010 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1702002010
Description  Basic VGA/HDMI/LVDS Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1702002010 Datasheet(HTML) 1 Page - AAEON Technology

  1702002010 Datasheet HTML 1Page - AAEON Technology 1702002010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
02
02-1
02-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
EPIC-KBS7
Packing List
Optional Accessories
EPIC Board with 6th/7th Generation Intel® Core™ i-S series Processor (Socket Type)
6th/7th Generation Intel® Core™ i-S series Processor (Socket Type)
12V, 9-24V Wide Voltage, Non-ECC DDR4 SODIMM x 1 (Up to 16 GB)
Basic VGA/HDMI/LVDS Display
USB 3.0 x 4, USB 2.0 x 2, Good for Machine Vision
mSATA/Mini-Card Selection x 1
HDA, SATA x 2, GPIO x 8, COM x 4
SATA Cable, Length 50cm (1709070500)
SATA Power Cable, Length 15cm (1702150155)
Jumper Cap (9657666600)
Product DVD
EPIC-KBS7
System
Form Factor
EPIC
CPU
6th/7th Generation CPU (Socket Type, TDP 35W, 54W Only)
CPU Frequency
6th/7th Generation Intel® Core™ i3/i5/i7/Celeron®
Chipset
H110 , Q170 (6W)
Memory Type
DDR4 (Non-ECC), 2133MHz
Max. Memory Capacity
Up to 16GB
BIOS
AMI
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
12V or 9-24V (Default)
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
Dimension (L x W)
4.53" x 6.50" (115mm x 165mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
110,000
Certification
CE/FCC
Display
VGA/LCD Controller
6th/7th Generation Intel® Core™ i3/i5/i7/Celeron®
Video Output
CRT/LVDS/HDMI
Backlight Inverter Supply
Max. 12V
I/O
Ethernet
LAN x 2 (Real IO) (i211 x 2)
Audio
ALC892, no Amp
USB Port
USB3.0 x 4 (Real IO)
USB2.0 x 2 (Internal)
Serial Port
COM x 4 (COM2: RS-232/422/485)
Parallel Port
HDD Interface
SATA Gen3 x 2, SATA Power (5V)
FDD Interface
SSD
mSATA x 1 (optional for mini-Card)
Expansion Slot
Mini-card x 1, Micro SIM x 1 (Optional )
PWM LCD Support
DIO
8 bit
TPM
Touch
Part Number
Description
QTY
1702002010
Power Cable (2pin), Length 10cm
1
1709100254
Audio Cable (3pin), Length 25cm
1
1700050207
USB Cable (5pin), Length 20cm
4
1701090150
COM Cable (9pin), Length 15cm
4
EPIC-KBS7-FAN01
CPU Cooler
1
EPIC-KBS7-FAN02
CPU Cooler
1
DC In
Audio
mSATA/Mini Card
SATA x 2
Micro SIM
COM x 4
HDMI
LAN x 2
USB3.0 x 4
VGA


Similar Part No. - 1702002010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1702002010 AAEON-1702002010 Datasheet
349Kb / 2P
   gigabit ethernet
1702002010 AAEON-1702002010 Datasheet
334Kb / 2P
   supports tpm
1702002010 AAEON-1702002010 Datasheet
443Kb / 2P
   Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
1702002010 AAEON-1702002010 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
1702002010 AAEON-1702002010 Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
More results

Similar Description - 1702002010

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO120 AXIOMTEK-MANO120_14 Datasheet
406Kb / 2P
   Dual display combination with VGA, HDMI and LVDS
MANO120 AXIOMTEK-MANO120_16 Datasheet
331Kb / 1P
   Dual display combination with VGA, HDMI and LVDS
logo
Chrontel, Inc.
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
   CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
logo
Axiomtek Co., Ltd.
IMB211 AXIOMTEK-IMB211_16 Datasheet
252Kb / 1P
   Triple View display: DP/VGA/HDMI
logo
AAEON Technology
EMB-APL1 AAEON-EMB-APL1 Datasheet
484Kb / 2P
   Three Independent Display: VGA x 1, HDMI x 1, LVDS/eDP x 1
logo
List of Unclassifed Man...
MI956 ETC2-MI956 Datasheet
745Kb / 1P
   Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
logo
Analog Devices
ADV7613 AD-ADV7613_17 Datasheet
301Kb / 13P
   Low Power HDMI to LVDS Display Bridge
logo
AAEON Technology
EMB-Q170C AAEON-EMB-Q170C Datasheet
469Kb / 2P
   Three Independent Display : VGA x 1, HDMI x 2
logo
Axiomtek Co., Ltd.
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
logo
Advantech Co., Ltd.
SIMB-M02 ADVANTECH-SIMB-M02_14 Datasheet
920Kb / 2P
   Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com