Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMT321 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BMT321
Description  0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT321 Datasheet(HTML) 5 Page - BeRex Corporation

  BMT321_16 Datasheet HTML 1Page - BeRex Corporation BMT321_16 Datasheet HTML 2Page - BeRex Corporation BMT321_16 Datasheet HTML 3Page - BeRex Corporation BMT321_16 Datasheet HTML 4Page - BeRex Corporation BMT321_16 Datasheet HTML 5Page - BeRex Corporation BMT321_16 Datasheet HTML 6Page - BeRex Corporation BMT321_16 Datasheet HTML 7Page - BeRex Corporation BMT321_16 Datasheet HTML 8Page - BeRex Corporation BMT321_16 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Rev. B
Typical Performance


Similar Part No. - BMT321_16

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT321 BEREX-BMT321_18 Datasheet
1Mb / 23P
   0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
More results

Similar Description - BMT321_16

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT321 BEREX-BMT321_18 Datasheet
1Mb / 23P
   0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
   2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BT33L BEREX-BT33L_18 Datasheet
2Mb / 19P
   100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BT33L BEREX-BT33L Datasheet
2Mb / 19P
   100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
   HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
logo
BeRex Corporation
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com