Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN12EA-016P-2.54DS Datasheet(PDF) 6 Page - Hirose Electric

Part # PCN12EA-016P-2.54DS
Description  PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN12EA-016P-2.54DS Datasheet(HTML) 6 Page - Hirose Electric

Back Button PCN12EA-016P-2.54DS Datasheet HTML 2Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 3Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 4Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 5Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 6Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 7Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 8Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 9Page - Hirose Electric PCN12EA-016P-2.54DS Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
A57
PCN12 Series
CL No.
Part Number
Unit:mm
583-2028-9
583-2029-1
583-2030-0
583-2031-3
583-2032-6
583-2033-9
583-2034-1
583-2035-4
583-2036-7
PCN12EA-010P-2.54DS
PCN12EA-016P-2.54DS
PCN12EA-020P-2.54DS
PCN12EA-032P-2.54DS
PCN12EA-044P-2.54DS
PCN12EA-050P-2.54DS
PCN12EA-064P-2.54DS
PCN12EA-090P-2.54DS
PCN12EA-100P-2.54DS
Number of Contacts
10
16
20
32
44
50
64
90
100
A
B
25.42
33.04
38.12
53.36
68.60
76.22
94.00
127.02
139.72
16.77
24.39
29.47
44.71
59.95
67.57
85.35
118.37
131.07
C
D
10.16
17.78
22.86
38.10
53.34
60.96
78.74
111.76
124.46
20.32
27.94
33.02
48.26
63.50
71.12
88.90
121.92
134.62
BPCB mounting pattern
sPlug: 2-row Right Angle Type
qWith board prefixed lock pin attached
sPlug: 2-row Right Angle Type
BPCB mounting pattern
Unit:mm
CL No.
Part Number
583-2010-3
583-2012-9
583-2085-2
583-2013-1
583-2014-4
583-2015-7
583-2016-0
583-2017-2
583-2018-5
PCN12A-010P-2.54DS
PCN12A-020P-2.54DS
PCN12A-028P-2.54DS
PCN12A-032P-2.54DS
PCN12A-044P-2.54DS
PCN12A-050P-2.54DS
PCN12A-064P-2.54DS
PCN12A-090P-2.54DS
PCN12A-100P-2.54DS
Number of Contacts
10
20
28
32
44
50
64
90
100
A
B
25.42
38.12
48.26
53.36
68.60
76.22
94.00
127.02
139.72
16.77
29.47
39.63
44.71
59.95
67.57
85.35
118.37
131.07
C
D
20.32
33.02
43.18
48.26
63.50
71.12
88.90
121.92
134.62
10.16
22.86
33.02
38.10
53.34
60.96
78.74
111.76
124.46
PCN10-*P-2.54DS
Lot No. Merking
Lot No. Merking
PCN12EA-*P-2.54DS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN12EA-016P-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12EA-016P-2.54DS HIROSE-PCN12EA-016P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN12EA-016P-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN13 HIROSE-PCN13 Datasheet
1Mb / 16P
   PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN11 HIROSE-PCN11 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
PCN11-20P-2.54H-2 HIROSE-PCN11-20P-2.54H-2 Datasheet
739Kb / 10P
   PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN10FA HIROSE-PCN10FA Datasheet
896Kb / 10P
   PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com