Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ120A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMDJ120A
Description  3000W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMDJ120A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMDJ120A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMDJ120A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMDJ120A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMDJ120A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMDJ SERIES
5V ~ 190V
3000W Peak Power Surface Mount TVS
Elektronische Bauelemente
24-Jan-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Part
Number
(see note)
Reverse
Standoff
Voltage
VRRM
Breakdown
Voltage
Test
Current
Max
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
IPP
Reverse
Leakage
@VRRM
IR
Min
VBR @IT
Max
VBR @ IT
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
μA
SMDJ5.0A
SMDJ5.0CA
5.0
6.40
7.00
10
9.2
326.1
1000
SMDJ6.0A
SMDJ6.0CA
6.0
6.67
7.37
10
10.3
291.3
1000
SMDJ6.5A
SMDJ6.5CA
6.5
7.22
7.98
10
11.2
267.9
500
SMDJ7.0A
SMDJ7.0CA
7.0
7.78
8.60
10
12.0
250.0
200
SMDJ7.5A
SMDJ7.5CA
7.5
8.33
9.21
1
12.9
232.6
100
SMDJ8.0A
SMDJ8.0CA
8.0
8.89
9.83
1
13.6
220.6
50
SMDJ8.5A
SMDJ8.5CA
8.5
9.44
10.4
1
14.4
208.3
25
SMDJ9.0A
SMDJ9.0CA
9.0
10.0
11.1
1
15.4
194.8
10
SMDJ10A
SMDJ10CA
10
11.1
12.3
1
17.0
176.5
5
SMDJ11A
SMDJ11CA
11
12.2
13.5
1
18.2
164.8
5
SMDJ12A
SMDJ12CA
12
13.3
14.7
1
19.9
150.8
5
SMDJ13A
SMDJ13CA
13
14.4
15.9
1
21.5
139.5
5
SMDJ14A
SMDJ14CA
14
15.6
17.2
1
23.2
129.3
5
SMDJ15A
SMDJ15CA
15
16.7
18.5
1
24.4
123.0
5
SMDJ16A
SMDJ16CA
16
17.8
19.7
1
26.0
115.4
5
SMDJ17A
SMDJ17CA
17
18.9
20.9
1
27.6
108.7
5
SMDJ18A
SMDJ18CA
18
20.0
22.1
1
29.2
102.7
5
SMDJ19A
SMDJ19CA
19
21.1
23.3
1
30.8
97.5
5
SMDJ20A
SMDJ20CA
20
22.2
24.5
1
32.4
92.6
5
SMDJ22A
SMDJ22CA
22
24.4
26.9
1
35.5
84.5
5
SMDJ24A
SMDJ24CA
24
26.7
29.5
1
38.9
77.1
5
SMDJ26A
SMDJ26CA
26
28.9
31.9
1
42.1
71.3
5
SMDJ28A
SMDJ28CA
28
31.1
34.4
1
45.4
66.1
5
SMDJ30A
SMDJ30CA
30
33.3
36.8
1
48.4
62
5
SMDJ33A
SMDJ33CA
33
36.7
40.6
1
53.3
56.3
5
SMDJ36A
SMDJ36CA
36
40.0
44.2
1
58.1
51.6
5
SMDJ40A
SMDJ40CA
40
44.4
49.1
1
64.5
46.5
5
SMDJ43A
SMDJ43CA
43
47.8
52.8
1
69.4
43.2
5
SMDJ45A
SMDJ45CA
45
50.0
55.3
1
72.7
41.3
5
SMDJ48A
SMDJ48CA
48
53.3
58.9
1
77.4
38.8
5
Notes:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
Add suffix ‘CA’ after part number to specify Bi-directional devices.
3.
For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


Similar Part No. - SMDJ120A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ120A ETC1-SMDJ120A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
SUNMATE electronic Co.,...
SMDJ120A SUNMATE-SMDJ120A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Microdiode Electronics ...
SMDJ120A CHENDA-SMDJ120A Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMDJ120A MDE-SMDJ120A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
SMDJ120A YFWDIODE-SMDJ120A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ120A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com