Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1W20 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MM1W20
Description  1W Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MM1W20 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MM1W20 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MM1W20 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MM1W20 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM1W3V3~MM1W200
Characteristics at Ta = 25°Ϲ
Type
Marking
Code
Zener Voltage Range
Dynamic Impedance
Reverse Current
VZT
at IZT
ZZT
at IZT
IR
at VR
Min. (V)
Max. (V)
(mA)
Max. (
Ω)
(mA)
Max. (µA)
(V)
MM1W3V3
9D1
3.1
3.5
100
8
100
150
1
MM1W3V6
7P1
3.4
3.8
100
8
100
100
1
MM1W3V9
7Q1
3.7
4.1
100
8
100
50
1
MM1W4V3
7R1
4
4.6
100
7
100
25
1
MM1W4V7
7S1
4.4
5
100
7
100
10
1
MM1W5V1
7T1
4.8
5.4
100
6
100
5
1
MM1W5V6
7U1
5.2
6
100
4
100
10
2
MM1W6V2
7V1
5.8
6.6
100
3
100
5
2
MM1W6V8
7W1
6.4
7.2
100
3
100
10
3
MM1W7V5
7X1
7
7.9
100
2
100
50
3
MM1W8V2
7Y1
7.7
8.7
100
2
100
10
3
MM1W9V1
7Z1
8.5
9.6
50
4
50
10
5
MM1W10
8A1
9.4
10.6
50
4
50
7
7.5
MM1W11
8B1
10.4
11.6
50
7
50
4
8.2
MM1W12
8C1
11.4
12.7
50
7
50
3
9.1
MM1W13
8D1
12.4
14.1
50
10
50
2
10
MM1W15
8E1
13.8
15.6
50
10
50
1
11
MM1W16
8F1
15.3
17.1
25
15
25
1
12
MM1W18
8G1
16.8
19.1
25
15
25
1
13
MM1W20
8H1
18.8
21.2
25
15
25
1
15
MM1W22
8J1
20.8
23.3
25
15
25
1
16
MM1W24
8K1
22.8
25.6
25
15
25
1
18
MM1W27
8L1
25.1
28.9
25
15
25
1
20
MM1W30
8M1
28
32
25
15
25
1
22
MM1W33
8N1
31
35
25
15
25
1
24
MM1W36
8P1
34
38
10
40
10
1
27
MM1W39
8Q1
37
41
10
40
10
1
30
MM1W43
8R1
40
46
10
45
10
1
33
MM1W47
8S1
44
50
10
45
10
1
36
MM1W51
8T1
48
54
10
60
10
1
39
MM1W56
8U1
52
60
10
60
10
1
43
MM1W62
8V1
58
66
10
80
10
1
47
MM1W68
8W1
64
72
10
80
10
1
51
MM1W75
8X1
70
79
10
100
10
1
56
MM1W82
8Y1
77
87
10
100
10
1
62
MM1W91
8Z1
85
96
5
200
5
1
68
MM1W100
9A1
94
106
5
200
5
1
75
MM1W110
9B1
104
116
5
250
5
1
82
MM1W120
9C1
114
127
5
250
5
1
91
MM1W200
9E1
190
210
1
250
1
1
170
2 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
MM1W3V3~MM1W200
Alldatasheet


Similar Part No. - MM1W20

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MM1W20 CHENDA-MM1W20 Datasheet
1Mb / 2P
   ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
MM1W20 YFWDIODE-MM1W20 Datasheet
395Kb / 3P
   Silicon Planar Zener Diodes
logo
Xian Semipower Electron...
MM1W20 SEMIPOWER-MM1W20 Datasheet
115Kb / 3P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1W20 YFWDIODE-MM1W20 Datasheet
385Kb / 3P
   Silicon Planar Zener Diodes
logo
SHIKUES Electronics
MM1W20 SKTECHNOLGY-MM1W20 Datasheet
336Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1W20

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com