Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z5V1 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MM3Z5V1
Description  300mW Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MM3Z5V1 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MM3Z5V1 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MM3Z5V1 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MM3Z5V1 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300mW Silicon Planar Zener Diodes
1 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
Features
• Total power dissipation : max. 300 mW
• Small plastic package suitable for
surface mounted design
• Tolerance approximately ± 5%
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
K/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
MM3Z2V0~MM3Z75
MM3Z2V0~MM3Z75
Alldatasheet


Similar Part No. - MM3Z5V1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z5V1 DIOTEC-MM3Z5V1 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z5V1 EIC-MM3Z5V1 Datasheet
140Kb / 2P
   ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z5V1 LEIDITECH-MM3Z5V1 Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Weitron Technology
MM3Z5V1 WEITRON-MM3Z5V1 Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z5V1 YFWDIODE-MM3Z5V1 Datasheet
507Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z5V1

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BZX84 DAESAN-BZX84 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
TAITRON Components Inco...
BZX84C2V4 TAITRON-BZX84C2V4 Datasheet
153Kb / 5P
   300mW Surface Mount Zener Diodes
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com