Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9418WS24-2.7 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9418WS24-2.7
Description  Dual Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9418WS24-2.7 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9418WS24-2.7 Datasheet HTML 4Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 5Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 6Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 7Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 8Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 9Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 10Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 11Page - Xicor Inc. X9418WS24-2.7 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
X9418
Characteristics subject to change without notice.
8 of 21
REV 1.1.5 7/23/02
www.xicor.com
DETAILED OPERATION
Both XDCP potentiometers share the serial interface
and share a common architecture. Each potentiometer
has a Wiper Counter Register and four Data Registers.
A detailed discussion of the register organization and
array operation follows.
Wiper Counter Register
The X9418 contains two wiper counter registers, one
for each XDCP potentiometer. The Wiper Counter
Register can be envisioned as a 6-bit parallel and
serial load counter with its outputs decoded to select
one of sixty-four switches along its resistor array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/Decrement
instruction. Finally, it is loaded with the contents of its
Data Register zero (DR0) upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9418 is powered-down. Although the
register is automatically loaded with the value in DR0
upon power-up, it should be noted this may be
different from the value present at power-down.
Data Registers
Each
potentiometer
has
four
nonvolatile
Data
Registers. These can be read or written directly by the
host and data can be transferred between any of the
four Data Registers and the Wiper Counter Register. It
should be noted all operations changing data in one of
these registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
Register Descriptions
Data Registers, (6-Bit), Nonvolatile
Four 6-bit Data Registers for each XDCP. (eight 6-bit
registers in total).
– {D5~D0}: These bits are for general purpose not
volatile data storage or for storage of up to four
different wiper values. The contents of Data Register
0 are automatically moved to the Wiper Counter
Register on power-up.
Wiper Counter Register, (6-Bit), Volatile
One 6-bit wiper counter register for each XDCP. (Four
6-bit registers in total.)
– {D5~D0}: These bits specify the wiper position of the
respective XDCP. The Wiper Counter Register is
loaded on power-up by the value in Data Register 0.
The contents of the WCR can be loaded from any of
the other Data Register or directly. The contents of
the WCR can be saved in a DR.
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WP5
WP4
WP3
WP2
WP1
WP0
VVVVVV
(MSB)
(LSB)


Similar Part No. - X9418WS24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9418WS24-2.7 INTERSIL-X9418WS24-2.7 Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
More results

Similar Description - X9418WS24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com