Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB2EZ120D5 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB2EZ120D5
Description  2.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB2EZ120D5 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMB2EZ120D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB2EZ120D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB2EZ120D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB2EZ120D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMB2EZxxD5 Series
VOLTAGE 6.2 V ~ 330 V
2.0 Watts Surface Mount Zener Diode
Elektronische Bauelemente
20-Oct-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
 Glass passivated chip
 Low leakage
 Built-in strain relief
 Low inductance
 High peak reverse power dissipation
 Lead (Pb)-free component
 For use in stabilizing and clipping circuits with high
power rating
MECHANICAL DATA
 Case:SMB
 Epoxy:UL 94V-0 rate flame retardant
 Polarity:Laser band denotes cathode end
 Weight:0.062 grams (Approximately)
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SMB
3K
13’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNITS
DC Power Dissipation at TL=50°C (Note 1)
PD
2.0
W
Maximum Forward Voltage at IF = 200mA
VF
1.5
V
Junction Temperature Range
TJ
-55 ~ + 150
°C
Storage Temperature Range
TSTG
-55 ~ + 150
°C
Notes:
1.
TL = Lead temperature at 3/8” (9.5mm) from body.
SMB
A
B
E
G
D
F
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305


Similar Part No. - SMB2EZ120D5

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMB2EZ120D5 ANOVA-SMB2EZ120D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SMB2EZ120D5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com