Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CPT015 Datasheet(PDF) 1 Page - International Rectifier

Part # 80CPT015
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80CPT015 Datasheet(HTML) 1 Page - International Rectifier

  80CPT015 Datasheet HTML 1Page - International Rectifier 80CPT015 Datasheet HTML 2Page - International Rectifier 80CPT015 Datasheet HTML 3Page - International Rectifier 80CPT015 Datasheet HTML 4Page - International Rectifier 80CPT015 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY RECTIFIER
80CPT015
Bulletin PD-20757 rev. A 04/02
1
80 Amp
I
F(AV) Rectangular
80
A
waveform
V
RRM
15
V
I
FSM
@ tp = 5 µs sine
1600
A
V
F
@40Apk,T
J=125°C
0.27
V
(typical) per leg
T
J
range
-55to125
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/Features
Conform to JEDEC outline TO-247AC (TO-3P)
Dimensions in millimeters and inches
15.90 (0.626)
15.30 (0.602)
14 .20 (0 .559 )
14. 80 ( 0.583)
3. 70 (0 .145)
4. 30 (0.170)
5.30 ( 0.208)
5. 70 (0.225)
5.50 ( 0.217)
4. 50 (0.17 7)
(2 PLCS.)
3. 55 (0 .139)
3. 65 (0.144)
2. 20 (0 .08 7)
MAX.
1. 00 (0 .039)
1. 40 (0 .05 6)
0. 40 (0 .213)
0.80 ( 0.032)
4.70 ( 0.185)
5. 30 (0.209)
1.5 ( 0.059)
2.5 ( 0.098)
2. 40 (0.095)
MAX.
10 .86 (0.427)
10. 94 ( 0.430)
20.30 (0.800)
19.70 (0.775)
DIA.
12
3
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12
TO-247AC
This center tap Schottky rectifier has been optimized for ultra
low forward voltage drop specifically for 1.5V output power
supplies. The proprietary sub-micron technology allows for low
power loss both in forward and reverse conduction.
125 °C T
J operation
Center tap configuration
Ultra low forward voltage drop
High frequency operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
www.irf.com


Similar Part No. - 80CPT015

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPTN015 IRF-80CPTN015 Datasheet
69Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - 80CPT015

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com