Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72021 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 72021
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72021 Datasheet(HTML) 3 Page - Vishay Siliconix

  72021 Datasheet HTML 1Page - Vishay Siliconix 72021 Datasheet HTML 2Page - Vishay Siliconix 72021 Datasheet HTML 3Page - Vishay Siliconix 72021 Datasheet HTML 4Page - Vishay Siliconix 72021 Datasheet HTML 5Page - Vishay Siliconix 72021 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Si4830ADY
Vishay Siliconix
Document Number: 72021
S-32621—Rev. D, 29-Dec-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
0
240
480
720
960
1200
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
1234
5
0
5
10
15
20
25
30
0
2468
10
VGS = 10 thru 5 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
3 V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
3
6
9
12
15
0.000
0.010
0.020
0.030
0.040
0
5
10
15
20
25
30
VDS − Drain-to-Source Voltage (V)
Crss
VDS = 15 V
ID = 7.5 A
ID − Drain Current (A)
VGS = 10 V
ID = 7.5 A
VGS = 10 V
VGS = 4.5 V
Gate Charge
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
Coss
Ciss
4 V
On-Resistance vs. Drain Current


Similar Part No. - 72021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7202 ETC2-7202 Datasheet
311Kb / 1P
   MALE/FEMALE THREADED STANDOFFS
logo
Coto Technology
7202 COTO-7202 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Vishay Siliconix
72022 VISHAY-72022 Datasheet
91Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
logo
List of Unclassifed Man...
72025 ETC2-72025 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
METZ CONNECT GmbH
720293-01-2 METZ-720293-01-2 Datasheet
265Kb / 5P
   centerline 3.50 mm, direction of connection 90째
More results

Similar Description - 72021

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com