Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR4040CK Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBR4040CK
Description  40.0A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBR4040CK Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBR4040CK Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBR4040CK Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
31
35
42
56
70
105
140
V
40
45
50
60
80
100
150
200
V
0.85
0.92
= 20A
V
MBR4040CKD-MBR40200CKD
1 of 2
°C/W
pF
0.70
V
Characteristic
Symbol
40.0 A SCHOTTKY BARRIER DIODE
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75° C
(Note 1)
IO
40.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage
@IF
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Units
0.80
350
280
200
2.2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
200
-55 to +150
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
TO-262/I PAK
e: TO-262/I PAK, Molded Plastic
Mounting Position: Any
Polarity: See Diagram
erminals: Plated Leads Solderable per
Cas
Classification Rating 94V-O
Plastic Case Material has UL Flammability
Guard Ring Die Construction
For Use in Low Voltage Application
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly
 
             
Mechanical Data
!
!
T
MIL-STD-202, Method 208
!
!
!
Lead Free: For RoHS / Lead Free Version
!
Schottky Barrier Chip
!
!
!
!
!
2
2
MBR4040CKD-MBR40200CKD
4080CKD
4040CKD
4050CKD 4060CKD
40100CKD
40200CKD
4045CKD
40150CKD
Alldatasheet


Similar Part No. - MBR4040CK

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR4040CKD DYELEC-MBR4040CKD Datasheet
897Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR4040CK

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR4040PT ZSELEC-MBR4040PT Datasheet
168Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
SB4040PT ZSELEC-SB4040PT Datasheet
166Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
MBR4040CT ZSELEC-MBR4040CT Datasheet
344Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
MBR4040CG ZSELEC-MBR4040CG Datasheet
312Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
MBRF4040CT ZSELEC-MBRF4040CT Datasheet
322Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
logo
WILLAS ELECTRONIC CORP
SP4040CF WILLAS-SP4040CF Datasheet
351Kb / 2P
   40.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR4040C WILLAS-SR4040C Datasheet
620Kb / 2P
   40.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com