Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6J6.5CA Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA6J6.5CA
Description  5V ~ 85V, 600W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA6J6.5CA Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMA6J6.5CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA6J6.5CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA6J6.5CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA6J6.5CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMA6J SERIES
5V ~ 85V, 600W
Peak Power Surface Mount TVS
Elektronische Bauelemente
28-Jun-2016 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE


Similar Part No. - SMA6J6.5CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMA6J6.5CA SEMITECH-SMA6J6.5CA Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J6.5CA SECOS-SMA6J6.5CA Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Anova Technologies CO.,...
SMA6J6.5CA ANOVA-SMA6J6.5CA Datasheet
274Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMA6J6.5CA LUGUANG-SMA6J6.5CA Datasheet
818Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Bourns Electronic Solut...
SMA6J6.5CA BOURNS-SMA6J6.5CA Datasheet
159Kb / 6P
   SMA6J Transient Voltage Suppressor Diode Series
REV. 7/21
More results

Similar Description - SMA6J6.5CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
   5V ~ 220V 200W Peak Power Surface Mount TVS
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com