Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS20A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SFS20A
Description  Voltage 5 V ~ 54V 200W Peak Power TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFS20A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SFS20A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFS20A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SFS20A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
SFS5.0A~SFS54A
Voltage 5 V ~ 54V
200W Peak Power TVS
20-Mar-2013 Rev. A
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SFS20A

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFS20 COSEL-SFS20 Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
logo
Solid States Devices, I...
SFS2004-59 SSDI-SFS2004-59 Datasheet
61Kb / 2P
   10 AMP 800 VOLTS HIGH VOLTAGE THYRISTOR
logo
Z-Communications, Inc
SFS2030A-LF ZCOMM-SFS2030A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2030A-LF ZCOMM-SFS2030A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
logo
COSEL CO., LTD.
SFS204805B COSEL-SFS204805B Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
More results

Similar Description - SFS20A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
   5V ~ 220V 200W Peak Power Surface Mount TVS
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Shindengen Electric Mfg...
ST02-39G1 SHINDENGEN-ST02-39G1 Datasheet
1Mb / 5P
   TVS 3.8A, 200W
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
   200W peak pulse power (tp =8/20μs)
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com