Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2FL180A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S2FL180A
Description  5V ~ 220V 200W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2FL180A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S2FL180A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2FL180A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2FL180A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2FL180A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
S2FL SERIES
5V ~ 220V
200W Peak Power Surface Mount TVS
10-Feb-2017 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating TA=25°C unless otherwise specified)
Breakdown
Voltage VBR @ IT
Part Number
Marking
Code
Reverse
Stand-Off
Voltage
Min
Max
Test
Current
Maximum
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
Reverse
Leakage
IR @VRWM
Directional
Directional
VRWM
VBR
IT
VC
IPP
IR
Uni
Bi
Uni
Bi
V
V
V
mA
V
A
μA
S2FL48A
S2FL48CA
JX
MX
48
53.3
58.9
1
77.4
2.58
1
S2FL51A
S2FL51CA
JZ
MZ
51
56.7
62.7
1
82.4
2.43
1
S2FL54A
S2FL54CA
XE
NE
54
60
66.3
1
87.1
2.3
1
S2FL58A
S2FL58CA
XG
NG
58
64.4
71.2
1
93.6
2.14
1
S2FL60A
S2FL60CA
XK
NK
60
66.7
73.7
1
96.8
2.07
1
S2FL64A
S2FL64CA
XM
NM
64
71.1
78.6
1
103
1.94
1
S2FL70A
S2FL70CA
XP
NP
70
77.8
86
1
113
1.77
1
S2FL75A
S2FL75CA
XR
NR
75
83.3
92.1
1
121
1.65
1
S2FL78A
S2FL78CA
XT
NT
78
86.7
95.8
1
126
1.59
1
S2FL80A
S2FL80CA
XB
NB
80
88.8
97.6
1
129
1.55
1
S2FL85A
S2FL85CA
XV
NV
85
94.4
104
1
137
1.46
1
S2FL90A
S2FL90CA
XX
NX
90
100
111
1
146
1.37
1
S2FL100A
S2FL100CA
XZ
NZ
100
111
123
1
162
1.23
1
S2FL110A
S2FL110CA
TE
PE
110
122
135
1
177
1.13
1
S2FL120A
S2FL120CA
TG
PG
120
133
147
1
193
1.04
1
S2FL130A
S2FL130CA
TK
PK
130
144
159
1
209
0.96
1
S2FL140A
S2FL140CA
TB
PB
140
155
171
1
224
0.89
1
S2FL150A
S2FL150CA
TM
PM
150
167
185
1
243
0.82
1
S2FL160A
S2FL160CA
TP
PP
160
178
197
1
259
0.77
1
S2FL170A
S2FL170CA
TR
PR
170
189
209
1
275
0.73
1
S2FL180A
S2FL180CA
TT
PT
180
200
220
1
292
0.68
1
S2FL190A
S2FL190CA
TV
PV
190
211
232
1
308
0.65
1
S2FL200A
S2FL200CA
TX
PX
200
224
247
1
324
0.62
1
S2FL220A
S2FL220CA
TZ
PZ
220
246
272
1
356
0.56
1
Note:
1. The available parts are 'A' type only, the parts without A(VBR is ± 10%) is not available.
2. Add suffix' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Similar Part No. - S2FL180A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2F SEMTECH-S2F Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
logo
List of Unclassifed Man...
S2F ETC2-S2F Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S2F-C PANDUIT-S2F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
More results

Similar Description - S2FL180A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com