Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9320BRF Datasheet(PDF) 6 Page - Keysight Technologies

Part # N9320BRF
Description  RF Spectrum Analyzer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9320BRF Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N9320BRF Datasheet HTML 2Page - Keysight Technologies N9320BRF Datasheet HTML 3Page - Keysight Technologies N9320BRF Datasheet HTML 4Page - Keysight Technologies N9320BRF Datasheet HTML 5Page - Keysight Technologies N9320BRF Datasheet HTML 6Page - Keysight Technologies N9320BRF Datasheet HTML 7Page - Keysight Technologies N9320BRF Datasheet HTML 8Page - Keysight Technologies N9320BRF Datasheet HTML 9Page - Keysight Technologies N9320BRF Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
06 | Keysight | N9320B RF Spectrum Analyzer - Data Sheet
Dynamic Range Specifications
Supplemental Information
1 dB gain compression
Preamp off
50 MHz to 3.0 GHz
> 0 dBm, typical; total power at input mixer
Preamp on
50 MHz to 3.0 GHz
> —20 dBm, typical; total power at the preamp
Total power at the preamp = total power
at the input (dBm) - input attenuation
(dB)
Displayed average noise level (DANL)
Input terminated, 0 dB RF attenuation, RBW = 10 Hz, VBW = 1 Hz, sample detector
Preamp off
9 to 100 kHz
< —90 dBm, nominal
100 kHz to 1 MHz
< —90 dBm – 3 x (f/100 kHz) dB
1 to 10 MHz
< —124 dBm
10 MHz to 3 GHz
< —130 dBm + 3 x (f/1 GHz) dB
Preamp on
100 kHz to 1 MHz
< —108 dBm – 3 x (f/100 kHz) dB
1 to 10 MHz
< —142 dBm
10 MHz to 3 GHz
< —148 dBm + 3 x (f/1 GHz) dB
Spurious response
Preamp off, signal input —30 dBm, 0 dB RF attenuation
Second harmonic distortion
10 to 200 MHz
+30 dBm
200 to 500 MHz
+35 dBm
500 MHz to 3 GHz
+43 dBm
Preamp off, signal input -30 dBm, 0 dB RF attenuation
Third-order intermodulation (TOI)
300 MHz to 3 GHz
+10 dBm; +13 dBm nominal


Similar Part No. - N9320BRF

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
   RF Spectrum Analyzer
More results

Similar Description - N9320BRF

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
   RF Spectrum Analyzer
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Keysight Technologies
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
   Handheld Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
   3GHz SPECTRUM ANALYZER
GSP-9330 GWINSTEK-GSP-9330 Datasheet
863Kb / 4P
   3.25GHz SPECTRUM ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com